Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD783 Datasheet(PDF) 8 Page - Analog Devices

Part # AD783
Description  Complete Very High Speed Sample-and-Hold Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD783 Datasheet(HTML) 8 Page - Analog Devices

  AD783 Datasheet HTML 1Page - Analog Devices AD783 Datasheet HTML 2Page - Analog Devices AD783 Datasheet HTML 3Page - Analog Devices AD783 Datasheet HTML 4Page - Analog Devices AD783 Datasheet HTML 5Page - Analog Devices AD783 Datasheet HTML 6Page - Analog Devices AD783 Datasheet HTML 7Page - Analog Devices AD783 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD783
REV. A
–8–
AD783 TO AD670 INTERFACE
The 15 MHz small signal bandwidth of the AD783 makes it a
good choice for undersampling applications. Figure 8 shows
the interface between the AD783 and the AD670 ADC, where
the AD783 samples the incoming IF signal. For this particular
application, the IF carrier was 10.7 MHz and the information
signal was a 5 kHz FSK-modulated tone. The sample-and-hold
signal is applied to the 8-bit AD670 ADC and then digitally
processed for analysis.
The CLKIN signal is connected directly to the S/H pin of the
AD783 and must comply with the acquisition and settling re-
quirements of the SHA. A delayed version of CLKIN is applied
to the R/W input of the AD670 in order to accommodate the
hold-mode settling requirements of the AD783. The 10
µs con-
version speed of the AD670 combined with the 150 ns hold-
mode settling time of the AD783 result in a total system
throughput of 10.15
µs.
By keeping the 10.7 MHz IF input to the AD783 at a low
amplitude, 255 mV p-p, the resultant distortion and jitter-
induced noise result in approximately 45 dB of dynamic range.
The AD670 can be conveniently configured such that its full-
scale input range is 255 mV in order to retain the full 8-bit
dynamic range of the converter. The maximum sample rate of
the AD670 is 10
µs; therefore, to comply with the Nyquist
criteria the maximum information bandwidth is 50 kHz.
10k
2
7
8
AD670
+VIN HI
50
ANALOG
INPUT
CLK IN
10.7MHz
255mV p-p
+VIN LOW
–VIN HI
–VIN LOW
ONE -
SHOT
R/W
AD783
16
17
19
18
21
Figure 8. AD783 to AD670 Interface
AD783 to AD671 (12-Bit, 500 ns ADC) Interface
The AD783 to AD671 interface requires an op amp, a dual
flip-flop, and a monostable multivibrator or “one-shot.” The
op amp amplifies the
±2.5 V output of the AD783 to the
full-scale input of the AD671. Appropriate op amps include the
AD841 and AD845 (see the AD671 data sheet for additional
information). The flip-flops and one-shot are used to generate
the AD671 ENCODE pulse and the appropriately timed
AD783 S/H pulse.
A master sampling clock is tied to the clock input of flip-flop1
and the input of the one-shot. The D1 input of flip-flop1
should be tied high and the one-shot should be configured to
generate a pulse on a rising edge of the sampling clock. The ris-
ing edge of the sampling clock causes the Q1 output of the
flip-flop to go low placing the AD783 into hold mode. Simulta-
neously, a low going pulse is generated at the one-shot output.
The length of this pulse would usually be made long enough to
allow the output of the AD783 to settle (hold-mode settling
time), but because of the error-correcting ability of the AD671,
the length of this pulse may be reduced to approximately 200 ns.
The low going one-shot output is connected to the clock input
of flip-flop2. The D2 input of flip-flop2 is tied high. The rising
edge of the low going pulse toggles the Q2 output of flip-flop2 to
a high state. This output, which is tied to the ENCODE input of
the AD671, initiates a conversion of the buffered output signal
of the AD783. The AD671 issues the signal DAV when the con-
version is complete. The DAV signal is tied to the asynchronous
CLR1
and CLR2 inputs of both flip-flops. When DAV goes low,
the Q1 output goes high returning the AD783 to the sample or
acquisition mode. The Q2 output (ENCODE) returns low until
it is again triggered by the rising edge of the one-shot output.
VIN
AD783
Q2
D1
D2
+5V
CLOCK
DAV
ENCODE
AIN
AD671
AD84X
ONE-
SHOT
Q1
CLR2
CLR1
Figure 9. AD783 to AD671 Interface
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Pin Cerdip (Q-8) Package
0.200
(5.08)
MAX
0.100 (2.54)
BSC
0.150
(3.81)
MIN
0.405 (10.29)
MAX
8
1
5
4
0.220 (5.59)
0.310 (7.87)
0.014 (0.36)
0.023 (0.58)
0.015 (0.38)
0.060 (1.52)
0.030 (0.76)
0.070 (1.78)
0.290 (7.37)
0.320 (8.13)
0.008 (0.204)
0.015 (0.381)
8-Pin SOIC (R-8) Package
1
4
5
8
0.050 (1.27)
BSC
0.188 (4.77)
0.198 (5.03)
0.150 (3.81)
0.158 (4.01)
0.224 (5.69)
0.248 (6.29)
0.014 (0.36)
0.022 (0.56)
0.195 (4.95)
0.205 (5.21)
0.089 (2.26)
0.107 (2.72)
0.018 (0.46)
0.034 (0.86)
0.007 (0.18)
0.015 (0.38)
0.005 (0.125)
0.011 (0.275)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com