Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IOCON7 Datasheet(PDF) 26 Page - Analog Devices

Part # IOCON7
Description  8-/10-Channel, Low Voltage, Low Power,ADCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

IOCON7 Datasheet(HTML) 26 Page - Analog Devices

Back Button IOCON7 Datasheet HTML 22Page - Analog Devices IOCON7 Datasheet HTML 23Page - Analog Devices IOCON7 Datasheet HTML 24Page - Analog Devices IOCON7 Datasheet HTML 25Page - Analog Devices IOCON7 Datasheet HTML 26Page - Analog Devices IOCON7 Datasheet HTML 27Page - Analog Devices IOCON7 Datasheet HTML 28Page - Analog Devices IOCON7 Datasheet HTML 29Page - Analog Devices IOCON7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
REV. 0
–26–
AD7708/AD7718
Status Register (A3, A2, A1, A0 = 0, 0, 0, 0; Power-On-Reset = 00Hex)
The ADC Status Register is an 8-bit read-only register. To access the ADC Status Register, the user must write to the Communica-
tions Register selecting the next operation to be a read and load Bits A3-A0 with 0, 0, 0,0. Table XIV outlines the bit designations
for the Status Register. SR0 through SR7 indicate the bit location, SR denoting the bits are in the Status Register. SR7 denotes the
first bit of the data stream. The number in brackets indicates the power-on/reset default status of that bit.
R
S7
6
R
S5
R
S4
R
S3
R
S2
R
S1
R
S0
R
S
Y
D
R)
0
()
0
(
0)
0
(
L
A
C)
0
(
0)
0
(
R
R
E)
0
(
0)
0
(
0)
0
(
K
C
O
L
Table XIV. Status Register Bit Designations
Bit
Bit
Location
Mnemonic Description
SR7
RDY
Ready Bit for the ADC
Set when data is transferred to the ADC data registers or on completion of calibration cycle. The RDY
bit is cleared automatically a period of time before the data register is updated with a new conversion
result or after the ADC data register has been read. This bit is also cleared by a write to the mode bits to
indicate a conversion or calibration. The
RDY pin is the complement of the RDY bit.
SR6
0
Bit is automatically cleared. Reserved for future use
SR5
CAL
Calibration Status Bit
Set to indicate completion of calibration. It is set at the same time that the RDY is set high.
Cleared by a write to the mode bits to start another ADC conversion or calibration.
SR4
0
This bit is automatically cleared. Reserved for future use
SR3
ERR
ADC Error Bit
Set to indicate that the result written to the ADC data register has been clamped to all zeros or all ones.
After a calibration this bit also flags error conditions that caused the calibration registers not to be
written. Error sources include Overrange.
Cleared by a write to the mode bits to initiate a conversion or calibration.
SR2
0
This bit is automatically cleared. Reserved for future use
SR1
0
This bit is automatically cleared. Reserved for future use
SR0
LOCK
PLL Lock Status Bit.
Set if the PLL has locked onto the 32.768 kHz crystal oscillator clock. If the user is worried about
exact sampling frequencies etc., the LOCK bit should be interrogated and the result discarded if the
LOCK bit is zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com