Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7665ASTZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD7665ASTZ
Description  16-Bit, 570 kSPS CMOS ADC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7665ASTZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7665ASTZ Datasheet HTML 6Page - Analog Devices AD7665ASTZ Datasheet HTML 7Page - Analog Devices AD7665ASTZ Datasheet HTML 8Page - Analog Devices AD7665ASTZ Datasheet HTML 9Page - Analog Devices AD7665ASTZ Datasheet HTML 10Page - Analog Devices AD7665ASTZ Datasheet HTML 11Page - Analog Devices AD7665ASTZ Datasheet HTML 12Page - Analog Devices AD7665ASTZ Datasheet HTML 13Page - Analog Devices AD7665ASTZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
REV.
AD7665
–10–
–0
–20
–40
–60
–80
–100
–120
–140
–160
–180
0
57
114
171
228
285
FREQUENCY – kHz
4096 POINT FFT
FS = 571kHz
fIN = 45kHz, –0.5dB
SNR = 90.1 dB
SINAD = 89.7dB
THD = –100.1dB
SFDR = 102.3dB
TPC 7. FFT Plot
100
95
90
85
80
75
70
1
10
100
1000
16.0
15.5
15.0
14.5
14.0
13.5
13.0
FREQUENCY – kHz
SNR
SINAD
ENOB
TPC 8. SNR, S/(N+D), and ENOB vs. Frequency
92
90
88
86
–80
–70
–60
–50
–40
–30
–20
–10
0
INPUT LEVEL – dB
TPC 9. SNR vs. Input Level
96
93
90
87
84
–98
–100
–102
–104
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE – C
THD
SNR
TPC 10. SNR, THD vs. Temperature
THD
SECOND HARMONIC
THIRD HARMONIC
SFDR
–60
–65
–70
–75
–80
–85
–90
–95
–100
–105
–110
–115
110
105
100
95
90
85
80
75
70
65
60
1
10
100
1000
FREQUENCY – kHz
TPC 11. THD, Harmonics, and SFDR vs. Frequency
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–60
–50
–40
–30
–20
–10
0
INPUT LEVEL – dB
THD
THIRD HARMONIC
SECOND HARMONIC
TPC 12. THD, Harmonics vs. Input Level
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com