Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9764 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9764
Description  14-Bit, 125 MSPS TxDAC D/A Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9764 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9764 Datasheet HTML 13Page - Analog Devices AD9764 Datasheet HTML 14Page - Analog Devices AD9764 Datasheet HTML 15Page - Analog Devices AD9764 Datasheet HTML 16Page - Analog Devices AD9764 Datasheet HTML 17Page - Analog Devices AD9764 Datasheet HTML 18Page - Analog Devices AD9764 Datasheet HTML 19Page - Analog Devices AD9764 Datasheet HTML 20Page - Analog Devices AD9764 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
REV. B
AD9764
–17–
of the DAC can be evaluated. Nonlinearities associated with the
DAC will create spurious tones of which some may fall back into
the “empty” channel thus limiting a channel’s carrier-to-noise
ratio. Other spurious components falling outside the band of
interest may also be important, depending on the system’s spectral
mask and filtering requirements.
This particular test vector was centered around one-half the
Nyquist bandwidth (i.e., fCLOCK/4) with a passband of fCLOCK/16.
Centering the tones at a much lower region (i.e., fCLOCK/10)
would lead to an improvement in performance while centering
the tones at a higher region (i.e., fCLOCK/2.5) would result in a
degradation in performance. Figure 40a shows the SFDR vs.
amplitude at different sample rates up to the Nyquist frequency
while Figure 40b shows the SFDR vs. amplitude within the
passband of the test vector. In assessing a DAC’s multitone
performance, it is also recommended that several units be tested
under exactly the same conditions to determine any performance
variability.
AOUT – dBFS
80
50
–20
–15
0
–10
–5
70
60
10 MSPS
100 MSPS
20 MSPS
50 MSPS
40
30
75
65
55
45
35
Figure 40a. Multitone SFDR vs. AOUT (Up to Nyquist)
50
70
60
40
75
65
55
45
80
10 MSPS
20 MSPS
50 MSPS
100 MSPS
AOUT – dBFS
–20
–15
0
–10
–5
Figure 40b. Multitone SFDR vs. AOUT (Within Multitone
Passband)
AD9764 EVALUATION BOARD
General Description
The AD9764-EB is an evaluation board for the AD9764 14-bit
DAC converter. Careful attention to layout and circuit design,
combined with a prototyping area, allows the user to easily and
effectively evaluate the AD9764 in any application where high
resolution, high speed conversion is required.
This board allows the user the flexibility to operate the AD9764
in various configurations. Possible output configurations include
transformer coupled, resistor terminated, inverting/noninverting
and differential amplifier outputs. The digital inputs are designed
to be driven directly from various word generators with the
onboard option to add a resistor network for proper load termi-
nation. Provisions are also made to operate the AD9764 with
either the internal or external reference or to exercise the power-
down feature.
Refer to the application note AN-420, Using the AD9760/AD9764/
AD9764-EB Evaluation Board for a thorough description and
operating instructions for the AD9764 evaluation board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com