Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1 Datasheet(PDF) 2 Page - Formosa MS

Part # M1
Description  SURFACE MOUNT GENERAL RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

M1 Datasheet(HTML) 2 Page - Formosa MS

  M1 Datasheet HTML 1Page - Formosa MS M1 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0123
456148910192 03
623
99 0 620 



































 



















0 06 215 
26

 6 8 0123
4
!"#$
%3
5$&'
2( 3
91) 4923
491 193
2149
%3
5$*'
2( 3
91201463
422 013
 8149
%3
5$+'
2( 3
913
46214214  6%0,108
910192 03
623
96
4 - 0%9(9 612*./
%3
5$0'
113
 44'
0 23
23
12%0,108
6 05 9 00 42
%3
5$'%0,1089 00 428 0123
459 0
3
46214214  6%0,108 15 
26
56
789
:;<=>:
?=9
@A=B:?C
D:>6
>E
6
B:FG
6
7HIJE
6
B:KF=H




L>5M
NOKP?QKR5M
NPS
AQTP
U
VPWPXY:E
<FHZ







[V\X










]








[V\X
[V\X
[V\X
09 42% 120 06 215 
^
%3
5$_'
2( 3
910 06 910192 03
623
96
1-3
422  012 0 9
[V\X
;aK5PAM
W[?\b>
cWa[dXdXKP
efghj
lmnophqrs
l
s
ttohulfr
h
vhwx
thulfr
h vhwx
tx
mq
efghy
zr
r
{|
}
}
~~~y

m€pmtfpty
nmp}
‚ƒ|
„„…†j†jj…‡………ˆ
‰Š‹|
„„…†j†jj…‡…ˆŒˆ
l†jjj…ŒŽ
j„}
j}
ˆ
jˆ}
}
ˆ
‘
j
’“”•–—˜š›“œž˜œ˜”–Ÿ”˜— 
• 
˜”
¡¢£¤¢¥¦¨©
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com