Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB10M Datasheet(PDF) 3 Page - Formosa MS

Part # MB10M
Description  0.8A Glass Passivated Single-Phase Bridge Rectifiers-200-1000V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MB10M Datasheet(HTML) 3 Page - Formosa MS

  MB10M Datasheet HTML 1Page - Formosa MS MB10M Datasheet HTML 2Page - Formosa MS MB10M Datasheet HTML 3Page - Formosa MS MB10M Datasheet HTML 4Page - Formosa MS MB10M Datasheet HTML 5Page - Formosa MS MB10M Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
01235
789
8 889

9

7
!
!
"#
$
$
%%%&
'
()*(+1*+&
,(*$
-./#
00123233141115
678#
00123233141595
:(,;*3<!=
:
=
++;3>:1!
3
?3@A
+3>:1!
3 ?3@A
+A
(<
0123&
RGKMGCEHSKFEGTRGFUKGLGKDGLHVEFWG O
YQ
SB
WZ
[\
E]RB
MFVKGLGKDGM^FKFMEGKB
DEB
MD
_`a
aZ
a_
aZ
_
a
ba
`a
ca
da
_aa
_ba
_Z
a
_a
_aa
Eef_bghM
EefbghM
_
`
_a
_aa
_aa
_a
_Z
a
KGLGKDGLHVEFWG LHVED
SB
WZ
g\
E]RB
MFVeICMEB
HCMFRFMB
EFCMG
EefbghM i
f_j^k
CIjlGKHSM]MVGDFEca^k
SB
WZ
b\
jFnB
jIjCHC\
KGRGEB
ELG
DIKWGMIKKGCE
`a
[a
ba
_a
a
_
b
g _a
ba
ga
_aa
RIVDGmB
TE^dZ
[op
DB
CWVG^FVS\
DB
CG\
mFLG
O
eGTGMjGE^HTQ
aZ
a_
aZ
_
_Z
a
_a
B
CDEFCEFCGHIDSHKmFKTLHVEFWGN
LHVED
SB
WZ
`\
E]RB
MFVSHKmFKTM^FKFMEGKB
DEB
MD
EefbghM
RIVDGmB
TE^q
[aarp
bY TIE]M]MVG
a
aZ
b aZ
` aZ
c aZ
d _Z
a _Z
b _Z
` _Z
c _Z
d
SB
WZ
_\
SHKmFKTMIKKGCETGKFEB
CWMIKLG
FjlB
GCEEGjRGKFEIKGNs
_Z
a
aZ
d
aZ
c
aZ
`
aZ
b
aZ
_
ba
`a
ca
_aa
_ba
_`a
_ca
da
jHICEGTHClHFKT
DB
CWVGR^FDG^FVSmFLGca^t
KGDB
DEB
LGHKB
CTIMEB
LGVHFT
:u239351v
3w53$
w5$
w3
2
7
1
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com