Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB1S Datasheet(PDF) 6 Page - Formosa MS

Part # MB1S
Description  0.8A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers-50-1000V
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MB1S Datasheet(HTML) 6 Page - Formosa MS

  MB1S Datasheet HTML 1Page - Formosa MS MB1S Datasheet HTML 2Page - Formosa MS MB1S Datasheet HTML 3Page - Formosa MS MB1S Datasheet HTML 4Page - Formosa MS MB1S Datasheet HTML 5Page - Formosa MS MB1S Datasheet HTML 6Page - Formosa MS MB1S Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
01235
789 789
7






!" #1"#
$ "
%&'
((5)*)**5+555,
-./
((5)*)**5+5,0,
123567
89:;:<=
7
>
7
:6
? $@"3AB
?
B
##@3C?1
3
D3EF
#3C?1
3 D3EF
#FA
0123
GGHIJKL
MN
%O)*5+..PQ?RS
,TU
TV
WWW
(
W
5V
WWW
TTXYTTXYTX
TTW
TZWYTTWYT5W
0(V
WWW
,0
,
0.[\.]&
D&&'RB
^&
D&&'
[OQ0O_&_%
R0.[B
_]
`O/
B
__&D
`O/
D&&'
?B
.V
[.D%O_
RB
^&
[.D%O_
.00DO/
]DORRa&B
]b%
Pc2S
P$#S
P"
"S
P"
"S
P"
"S
P$#S
P"
"S
P$#S
0!
F
d
3-31
@!3
R d
C3!F
A2[ ACF

FA
.E3!123!1")@!1
3P%' %0S
eT 
#3$
0!331
)%3"3!1
@!3QF
AP%#"F
AS
,ZW[
)%3"3!1
@!3Q1fP%#"1fS
*WW[
)%F
"3P"F
A "1fSP
#
S
5Wg,*W#3$
%#"1f %'
)D1")@D1
3
eT[
#3$
%F
"3"1F
A
1F
A3C1h E3
)%3"3!1
@!3P%'S
*,X[
)%F
"3P
'
S
5Wg*5W#3$
031c%3"3!1
@!3P%0S
*ZZ[)W
iZ[
%F
"3F

F
AZ[ 1$
@1d031c
%3"3!1
@!3P
0
S
D1")C AD1
3
e5[
#3$
%F
"3*Z[ 031c%3"3!1
@!3
e5"F
A@
3#
[
T
D3
d# d
C3!F
A2
,WgTW#3$
,
R!1233AEF
!A"3A
%3"3!1
@!3jZ g0W b@"F
CF

kjZZlm*Zl
*
D3
d# d
C3!F
A2 #@!
1$3)" @AC3EF
$3#
[
[
R@223#
3C
3!"1d!
F
d
3#!# d
C3!F
A2!$3##3#

n
opn
qGK
?R)*0,,W(
*WW(
W*
,W
*W,,
W0
*W
[
X
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com