Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR30200CT Datasheet(PDF) 1 Page - Formosa MS

Part # MBR30200CT
Description  REVERSE VOLTAGE 40 to 200 Volts RORWARD CURRENT 30.0 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MBR30200CT Datasheet(HTML) 1 Page - Formosa MS

  MBR30200CT Datasheet HTML 1Page - Formosa MS MBR30200CT Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0123
040 6173
8918 763
11617 63
73






!!"
#
$%
&
'

()*
"
$+$"
'%,+-./0+


,# 
(!&

,"
#()
1# &&


,"
#(+(
&! 2.3
4#5
6#
$ 6#(
 ( $
 !&
!  ,
"
"
)
7889:;:
*<96=> 96?.@.; 96?.@; 96?..; 96?.-.; 96?.A.; 96?.B.; 96?.C..; 96?.C.; 96?...; D4E;*
9F! &! 7G,H#"
H
9
@.
@
.
-.
A.
B.
C..
C.
..
H
9F! 9* H#"
H
9*
A
?C)
?
@
-
-?
I.
C.
C@.
H
9F! J 6"#&GH#"
H
J
@.
@
.
-.
A.
B.
C..
C.
..
H
9F! 8,1#%(! 
E
1K8HL
?.
8
7G1#%(*!! 
MA)?"
$"'N%,!#(# ("#(
KO:J: $#(L
E
1*9
..
8
9F! 1#%(H#"C8 "
H
1
9F! J ,! 
(J 6"#&GH#"
;
OP
=

;
OPC
=

E

.)C
.
8
;2&";$"&

QO

=
 RS
=O!&#(*#;!

;
O+
;
*;T
N#UC.
N#UCI
=

VWXY
VWZY
VW[V
VW[Y
\
]^_`ab^c
dfg
hij
k
lmhlnhopqhirstpu
vu
k
j
pu
iwhxyu
hj
yu
z
{g
h||hxk
g
k
j
z}g
hiik
~
k
lhj
k
ys€‚
ƒ„
{g
h|p…pj
hu
thsj†my‡zˆyg
tk
so}y|my‰st„
dˆpj
hgik
g
k
lysŠ
‰slj
k
ys‹|hŠ
yu
k
j
zlhu
u
k
pulyst‰lj
k
ys
dwyvmyvpug
yii‹qk
oqp~
~
k
lk
pslz„
dŒk
oql‰u
u
psjlhmhxk
g
k
j
z
d{yu‰ipk
sg
yvyg
j
hop‹qk
oq~
u
pމpslzk
spu
j
pu
i
~
u
ppvqppg
k
so‹hstmyg
hu
g
k
j
zmu
yj
plj
k
yshmmg
k
lhj
k
ysi„
dwpht~
u
ppk
sly|mg
zvk
j
q†r…yŒ‘’’“
”•“
†rtk
u
plj
k
pi
–^—˜_™š
—_›_`_
d}hipžŸƒ‚
‘ ¡|yg
tptmg
hij
k
l
dŸpu
|k
shg
ižiyg
tpumg
hj
pt‹iyg
tpu
hxg
pmpuˆ¢
w‚
Ÿ£‚
¤•‘‹ˆpj
qyt‘”
dfyg
hu
k
j
zž i|hu
npt„
dˆy‰sj
k
sofyik
j
k
ysž sz
d¥pk
oqj
ž‘„
‘”••y‰slpi‹’„
¦•ou
h|i„
§¨©ª«¬«­®°
±²
³§¨©ª«´««­®
µ¶·¶µ¸¶·º»¼½¾¶¿ÀÁ
ÂÃÀÀ·ÂÄ
Á
Å
µºµÆ½µÇÈɵµ¶Ê¼ËÀÌ
À½ÍÎÏÐÏÅ
§¨©ª«¬«­®°
±²
³§¨©ª«´««­®
§¨©ª«¬«­®°
±²
³§¨©ª«´««­®
§¨©ª«¬«­®°
±²
³§¨©ª«´««­®
§¨©ª«¬«­®°
±²
³§¨©ª«´««­®
深圳FMS
Kinter
131
6803
0058


Similar Part No. - MBR30200CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBR30200CT ETC2-MBR30200CT Datasheet
104Kb / 1P
30 Amp HT Power Schottky Barrier Rectifier 100 Volts to 200 Volts
logo
Compact Technology Corp...
MBR30200CT CTC-MBR30200CT Datasheet
72Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Sirectifier Global Corp...
MBR30200CT SIRECT-MBR30200CT Datasheet
146Kb / 3P
Power Schottky Rectifier - 30Amp 200Volt
logo
Pan Jit International I...
MBR30200CT PANJIT-MBR30200CT Datasheet
69Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Sirectifier Global Corp...
MBR30200CT SIRECT-MBR30200CT Datasheet
147Kb / 4P
Power Schottky Rectifier - 30Amp 200Volt
More results

Similar Description - MBR30200CT

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
SR530 GXELECTRONICS-SR530 Datasheet
373Kb / 2P
Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Amperes
SR540 GXELECTRONICS-SR540 Datasheet
373Kb / 2P
Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Amperes
SR550 GXELECTRONICS-SR550 Datasheet
373Kb / 2P
Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Amperes
SR560 GXELECTRONICS-SR560 Datasheet
373Kb / 2P
Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Amperes
logo
Formosa MS
MBR1040CT FORMOSA-MBR1040CT Datasheet
273Kb / 2P
REVERSE VOLTAGE 40 to 200 Volts RORWARD CURRENT 10.0 Amperes
MBR1640CT FORMOSA-MBR1640CT Datasheet
193Kb / 2P
REVERSE VOLTAGE 40 to 200 Volts RORWARD CURRENT 10.0 Amperes
MBR2040CT FORMOSA-MBR2040CT Datasheet
168Kb / 2P
REVERSE VOLTAGE 40 to 200 Volts RORWARD CURRENT 20.0 Amperes
logo
Microdiode Semiconducto...
MBR30150CT CHENDA-MBR30150CT Datasheet
695Kb / 2P
150 to 200 Volts Forward Current - 30.0 Amperes
MBRF30150CT CHENDA-MBRF30150CT Datasheet
697Kb / 2P
150 to 200 Volts Forward Current - 30.0 Amperes
logo
First Silicon Co., Ltd
MBR30200CT FS-MBR30200CT Datasheet
292Kb / 3P
Dual Schottky Barrier Rectifiers Reverse Voltage 200 Volts Forward Current 30.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com