Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6D Datasheet(PDF) 2 Page - Formosa MS

Part # S6D
Description  SURFACE MOUNT GENERAL RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

S6D Datasheet(HTML) 2 Page - Formosa MS

  S6D Datasheet HTML 1Page - Formosa MS S6D Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0123
456148910192 03
623
99 0 66120 6


































 



















0 06 215 
26

 6 8 0123
4
!"#$
%3
5$&'
2( 3
91) 4923
491 193
2149
%3
5$'
2( 3
91201463
422 013
 8149
%3
5$*'
2( 3
913
46214214  6%0+108
910192 03
623
96
4 , 0%9(9 612-.
%3
5$/'103
 44'0 23
23
11%0+108
6 05 9 00 42
%3
5$2'%0+1089 00 428 0123
459 0
3
46214214  6%0+108 15 
26
56
789
:;<=>:
?=9
@A=B:?C
D:>6
>E
6
B:FG
6
7HIJE
6
B:KF=H









LMNO
;PK5QAR
SL?NU>
VSPLWOWOKQ
LMNO









X








LMNO
LMNO
LMNO
09 42% 110 06 215 
Y
%3
5$Z'
2( 3
910 06 910192 03
623
96
1,3
422  012 0 9


\>5R
]^KQ?_K`5R
]Qa
A_bQ
cMQSQOd:E
<FHe
fghijklnogpqrlplhjshlkqt
it
lh
uvwxvyz|}
~€ƒ
…†‡ˆ‰Š‹Œ
…
Œ
ˆŽ…‹

‘
Ž…‹
 ‘
‘
†Š
~€’
“‹
‹
”•
–
–
———’
˜
†™‰†‰’
‡†‰–
š›œ•
žŸƒŸƒƒž žžž¡
¢£¤•
žŸƒŸƒƒž ž¡¥¡
…¦Ÿƒƒƒž¥§
ƒ¨¨–
¨ƒ–
¡¨
ƒ¨¡¨–
¨©–
¡¨
ª
ƒ
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com