Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS03 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # FS03
Description  Pressure Sensors FS01/FS03 Force Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

FS03 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  FS03 Datasheet HTML 1Page - Honeywell Solid State Electronics Center FS03 Datasheet HTML 2Page - Honeywell Solid State Electronics Center FS03 Datasheet HTML 3Page - Honeywell Solid State Electronics Center FS03 Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Pressure Sensors
FS01/FS03 Force Sensors
FS Series
Sensing and Control
FEATURES
• 0 to 1.5 pounds and 0 to
3.0 pound ranges
• High-level output range
• Temperature compensated
• Calibrated zero and span
• Small size
• Low noise
TYPICAL APPLICATIONS
• Medical infusion pumps
• Ambulatory noninvasive
pump pressure
• Occulsion detection
• Kidney dialysis machines
• Load and compression
sensing
• Variable tensions control
WARNING
PERSONAL INJURY
DO NOT USE these
products as safety or
emergency stop devices or
in any other application
where failure of the product
could result in personal
injury.
Failure to comply with
these instructions could
result in death or serious
injury.
The FS01/FS03 sensors are special low cost, peizoresistive-based force
sensors. These high-level voltage output, calibrated, and temperature
compensated sensors give an accurate and stable output over a 5 °C to
50 °C [41 °F to 122 °F] temperature range. They offer simple operation from
a single 5.0 Vdc supply. Operation from any DC supply voltage, up to
12.0 Vdc, is acceptable.
The FS01/FS03 sensors feature an integrated circuit sensor element and
laser trimmed think film ceramic in a small plastic housing. Their extremely
small size enables the use of multiple sensors in limited available space.
This package also provides excellent corrosion resistance and isolation to
external package stress.
WARNING
MISUSE OF DOCUMENTATION
• The information presented in this product sheet is for reference only. Do
not use this document as a product installation guide.
• Complete installation, operation, and maintenance information is provided
in the instructions supplied with each product.
Failure to comply with these instructions could result in death or
serious injury.


Similar Part No. - FS03

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
FS03 HONEYWELL-FS03 Datasheet
132Kb / 4P
Pressure Sensors FS01/FS03 Force Sensors
logo
XP Power Limited
FS03 XPPOWER-FS03 Datasheet
685Kb / 9P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS03/FS03CT XPPOWER-FS03/FS03CT Datasheet
685Kb / 9P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
AVX Corporation
FS031C104J4X2A AVX-FS031C104J4X2A Datasheet
80Kb / 1P
For Ultra Safety Critical Applications
FS031C104J4X4A AVX-FS031C104J4X4A Datasheet
80Kb / 1P
For Ultra Safety Critical Applications
More results

Similar Description - FS03

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
PRESSURE SENSORS
logo
EPCOS
B58600H8400A037 EPCOS-B58600H8400A037 Datasheet
143Kb / 8P
Pressure sensors
B58601G5010A001 EPCOS-B58601G5010A001 Datasheet
116Kb / 8P
Pressure sensors
B58601H8000A035 EPCOS-B58601H8000A035 Datasheet
138Kb / 8P
Pressure sensors
B58620T0510A001 EPCOS-B58620T0510A001 Datasheet
130Kb / 8P
Pressure sensors
logo
Honeywell Solid State E...
FS03 HONEYWELL-FS03 Datasheet
132Kb / 4P
Pressure Sensors FS01/FS03 Force Sensors
logo
SICK AG
PBT-RB250SG1SEFALA0Z SICK-PBT-RB250SG1SEFALA0Z Datasheet
848Kb / 7P
PRESSURE SENSORS
2016-08-17
PBT-RB400AN1SE0AMA0Z SICK-PBT-RB400AN1SE0AMA0Z Datasheet
839Kb / 6P
PRESSURE SENSORS
2016-08-17
PBT-RB1X0SG1SSNVLC0Z SICK-PBT-RB1X0SG1SSNVLC0Z Datasheet
848Kb / 7P
PRESSURE SENSORS
PBT-RB1X0SGTSSNVLC0Z SICK-PBT-RB1X0SGTSSNVLC0Z Datasheet
839Kb / 6P
PRESSURE SENSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com