Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57371V2104F060 Datasheet(PDF) 14 Page - EPCOS

Part # B57371V2104F060
Description  NTC thermistors for temperature measurement
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57371V2104F060 Datasheet(HTML) 14 Page - EPCOS

Back Button B57371V2104F060 Datasheet HTML 10Page - EPCOS B57371V2104F060 Datasheet HTML 11Page - EPCOS B57371V2104F060 Datasheet HTML 12Page - EPCOS B57371V2104F060 Datasheet HTML 13Page - EPCOS B57371V2104F060 Datasheet HTML 14Page - EPCOS B57371V2104F060 Datasheet HTML 15Page - EPCOS B57371V2104F060 Datasheet HTML 16Page - EPCOS B57371V2104F060 Datasheet HTML 17Page - EPCOS B57371V2104F060 Datasheet HTML 18Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
2
Conductive adhesion
An alternative to soldering is the gluing of thermistors with conductive adhesives. The benefit of
this method is that it involves no thermal stress. The adhesives used must be chemically inert.
3
Sealing and potting
When thermistors are sealed, potted or overmolded, there must be no mechanical stress caused
by thermal expansion during the production process (curing / overmolding process) and during
later operation. The upper category temperature of the thermistor must not be exceeded. Ensure
that the materials used (sealing / potting compound and plastic material) are chemically neutral.
4
Cleaning
If cleaning is necessary, mild cleaning agents such as ethyl alcohol and cleaning gasoline are
recommended. Cleaning agents based on water are not allowed. Ultrasonic cleaning methods are
permissible.
5
Storage
In order to maintain their solderability, thermistors must be stored in a non-corrosive atmosphere.
Humidity, temperature and container materials are critical factors.
Do not store SMDs where they are exposed to heat or direct sunlight. Otherwise, the packing ma-
terial may be deformed or SMDs may stick together, causing problems during mounting. After
opening the factory seals, such as polyvinyl-sealed packages, use the SMDs as soon as possible.
The components should be left in the original packing. Touching the metallization of unsoldered
thermistors may change their soldering properties.
Storage temperature:
25
°C up to 45 °C
Relative humidity (without condensation):
≤75% annual mean
<95%, maximum 30 days per annum
Solder the thermistors listed in this data book after shipment from EPCOS within the time speci-
fied:
SMDs:
12 months
Leaded components:
24 months
Temperature measurement and compensation
B573**V2
SMD NTC thermistors, case size 0603 (1608)
Page 14 of 20
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com