Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

175194-2 Datasheet(PDF) 73 Page - List of Unclassifed Manufacturers

Part # 175194-2
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175194-2 Datasheet(HTML) 73 Page - List of Unclassifed Manufacturers

Back Button 175194-2 Datasheet HTML 69Page - List of Unclassifed Manufacturers 175194-2 Datasheet HTML 70Page - List of Unclassifed Manufacturers 175194-2 Datasheet HTML 71Page - List of Unclassifed Manufacturers 175194-2 Datasheet HTML 72Page - List of Unclassifed Manufacturers 175194-2 Datasheet HTML 73Page - List of Unclassifed Manufacturers 175194-2 Datasheet HTML 74Page - List of Unclassifed Manufacturers 175194-2 Datasheet HTML 75Page - List of Unclassifed Manufacturers 175194-2 Datasheet HTML 76Page - List of Unclassifed Manufacturers 175194-2 Datasheet HTML 77Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
71
Bezeichnung
Description
0-1103085-1
0-1103084-1
HSK.4+2.Bu.S
HSK.4+2.Sti.S
Bestell-Nr./Order No.
Stifteinsatz
Buchseneinsatz
Male insert
Female insert
Bestelltext
Designation
HSK 4+2 Kontakteinsätze/Contact inserts
Baugröße/Size 3
Schraubanschluss
Screw terminal
Kontaktzahlen
No. of contacts
500V/40A + 400 V/16 A
4 + 2 +
Montageausschnitt
Panel cut-out
CON TACT ARRANGEMENT
VIEW FROM CONECTING
CON TACT ARRANGEMENT
VIEW FROM TERMINATION
1
2
3
4
12
11
1
2
3
4
12
11
CON TACT ARRANGEMENT
VIEW FROM CONECTING
CON TACT ARRANGEMENT
VIEW FROM TERMINATION
1
2
3
4
12
11
1
2
3
4
12
11
50
44
M3x10
35
27
33
1
21
4
24
2-1103200-3
M3
37
44
36
27
52
20
Stifteinsatz/Male insert
Buchseneinsatz/Female insert
Schraubanschluss/Screw termination
Maßbild mm
Dimensions mm
Sti
Bu
M3x10
*19,5
A
B
C
D
E
27
*Abstand für sichere Kontaktgabe max. 21 mm
Sti
Bu
M3x10
A
B
C
D
E
16
*22,3
*Abstand für sichere Kontaktgabe max. 24 mm
Kontaktanordnung Anschlußseite Stift
Contact arrangement Male insert
Kontaktanordnung Anschlußseite Buchse
Contact arrangement Female insert
Maße/Dimensions
AB
C
DE
mm
44
55
34
36,5
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com