Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC5001GS Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC5001GS
Description  Dual, One Channel Each Direction Digital Optical Isolator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5001GS Datasheet(HTML) 1 Page - IXYS Corporation

  CPC5001GS Datasheet HTML 1Page - IXYS Corporation CPC5001GS Datasheet HTML 2Page - IXYS Corporation CPC5001GS Datasheet HTML 3Page - IXYS Corporation CPC5001GS Datasheet HTML 4Page - IXYS Corporation CPC5001GS Datasheet HTML 5Page - IXYS Corporation CPC5001GS Datasheet HTML 6Page - IXYS Corporation CPC5001GS Datasheet HTML 7Page - IXYS Corporation CPC5001GS Datasheet HTML 8Page - IXYS Corporation CPC5001GS Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
INTEGRATED CIRCUITS DIVISION
DS-CPC5001-R01
www.ixysic.com
1
e3
Pb
Features
Isolates One Signal in Each Direction
Operates From 2.7V to 5.5V
Buffered Inputs - No External LED Drive Required
Voltage Level Translation
Hysteresis at Inputs for Noise Rejection
Slew-Limited Drivers Reduce EMI
Power-Down to Hi-Z Does Not Load Outputs
5Mbaud Data Rate
8-Pin DIP or Surface Mount Packages
Applications
Isolated Signal Monitoring and Control
Power-Over-Ethernet
Power Supply High-Side Interface
Logic-Level Translation
Microprocessor System Interface
Inter-Integrated Circuit (I2C) Interface
Serial Peripheral Interface (SPI)
Full Duplex Communication
Isolated Line Receiver
Isolated Data Acquisition Systems
Approvals
UL Recognized Component: File E76270
CSA: Pending
EN/IEC 60950: Pending
Description
The CPC5001 is a dual, non-inverting digital optical
isolator with buffered-logic inputs and open-drain
outputs. Channel 1 propagates a signal from Side A to
Side B, while Channel 2 sends a signal from Side B to
Side A. It provides galvanic isolation up to 3750Vrms.
When the two sides are powered by supplies with
different voltages, it also functions as a logic level
translator for supply voltages as low as 2.7V or as high
as 5.5V. Available in 8-pin DIP and surface mount
packages, it functionally replaces two logic buffers and
two single-channel optoisolators. Internal bandgap
references regulate the LED drive currents to 3mA to
reduce peak power requirements.
Unlike transformer or capacitive isolators, optical
isolation passes DC signals, and does not need to be
clocked periodically to refresh state. Buffered signals
will always return to their proper value after a transient
interruption at either side.
Ordering Information
Figure 1. CPC5001 Functional Block Diagram
Part
Description
CPC5001G
8-Pin DIP in Tubes (50 / Tube)
CPC5001GS
8-Pin Surface Mount (50 / Tube)
CPC5001GSTR 8-Pin Surface Mount (1000 / Reel)
A
GNDA
B
GNDB
V
DDA
GNDA
V
DDA
CHANNEL 2
V
DDB
LED
IN2
V
DDA
OUT2
A
V
DDA
LED
IN1
V
DDB
OUT1
B
GNDB
V
DDB
V
DDB
CHANNEL 1
1
2
3
4
8
7
6
5
CPC5001
Dual, One Channel Each Direction
Digital Optical Isolator


Similar Part No. - CPC5001GS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC5002 IXYS-CPC5002 Datasheet
1Mb / 14P
Dual High-Speed Open-Drain
CPC5002G IXYS-CPC5002G Datasheet
1Mb / 14P
Dual High-Speed Open-Drain
CPC5002GS IXYS-CPC5002GS Datasheet
1Mb / 14P
Dual High-Speed Open-Drain
CPC5002GSTR IXYS-CPC5002GSTR Datasheet
1Mb / 14P
Dual High-Speed Open-Drain
More results

Similar Description - CPC5001GS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL711 ETC1-IL711 Datasheet
124Kb / 7P
Dual Digital Isolator
logo
Analog Devices
ADUM1210 AD-ADUM1210 Datasheet
374Kb / 16P
Dual-Channel Digital Isolator
6/07-Rev. B to Rev. C
logo
Texas Instruments
ISO7221C-HT TI1-ISO7221C-HT Datasheet
465Kb / 16P
DUAL DIGITAL ISOLATOR
ISO7420FCC TI1-ISO7420FCC Datasheet
1,009Kb / 21P
Low-Power Dual Channel Digital Isolator
ISO722XEVM TI1-ISO722XEVM Datasheet
438Kb / 12P
Dual-Channel Digital Isolator EVM
logo
Analog Devices
ADUM1210 AD-ADUM1210_15 Datasheet
285Kb / 20P
Dual-Channel Digital Isolator
Rev. D
logo
Texas Instruments
ISO7420FCC TI1-ISO7420FCC_15 Datasheet
4Mb / 27P
Low-Power Dual Channel Digital Isolator
logo
STMicroelectronics
EVALSTISO62XV1 STMICROELECTRONICS-EVALSTISO62XV1 Datasheet
509Kb / 6P
Dual channel digital isolator evaluation board
26-Nov-2020
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
Dual channel digital isolator
09-May-2022
STISO620 STMICROELECTRONICS-STISO620 Datasheet
609Kb / 20P
Dual channel digital isolator
09-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com