Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2102061-2 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 2102061-2
Description  High Reliability Mezzanine Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2102061-2 Datasheet(HTML) 2 Page - Tyco Electronics

  2102061-2 Datasheet HTML 1Page - Tyco Electronics 2102061-2 Datasheet HTML 2Page - Tyco Electronics 2102061-2 Datasheet HTML 3Page - Tyco Electronics 2102061-2 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DESCRIPTION
Rugged surface mount mezzanine connector incorporating “super-redundant”
Mini-Box contact system for separable interface.
Designed for 10mm and 12mm stack heights in both 60 and 114 positions.
APPLICATIONS
Stacking or mezzanine applications
114 position is designed to support VITA 61 XMC architecture as rugged
alternative to VITA 42 XMC
60 position designed for custom architecture stacking applications
ELECTRICAL
Stacking or mezzanine applications
114 position is designed to support VITA 61 XMC architecture as rugged
alternative to VITA 42 XMC
60 position designed for custom architecture stacking applications
MECHANICAL
500 mating cycles durability
Mating force: 0.30 lb. max. times number of contacts
-65˚C to +125˚C operating temperature
Shock and vibration per VITA 47 requirements
MATERIALS
Pin Assembly:
LCP plastic housings, white in color
Socket Assembly:
LCP plastic housings, white in color
Contacts:
High Performance Copper Alloy, 50µ” Au in mating interface
(Sn/Pb and SAC305 solder balls are available)
STANDARDS & SPECS
114 position conforms to requirement of VITA 61 (VITA 42 Alternate)
VITA 42 and VITA 61 are not intermateable, but are footprint and XMC
architecture compatible
APPLICATION TOOLING
Product is installed via standard BGA surface mount processes.
Mezalok Connector
Tyco Electronics
I Mezalok
KEY FEATURES
60 and 114 positions
Mini-Box contact system
provides 4 points of
contact for ultra reliability
LCP plastic housings offer
superior thermal stability
and are low-outgassing
Compliant BGA board
attach supports standard
surface mount processing
and excellent thermal
stability
114 position footprint
compatible to XMC foot-
print and all dimensional
constraints



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com