Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

350792-1 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 350792-1
Description  2-Piece Power Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

350792-1 Datasheet(HTML) 4 Page - Tyco Electronics

  350792-1 Datasheet HTML 1Page - Tyco Electronics 350792-1 Datasheet HTML 2Page - Tyco Electronics 350792-1 Datasheet HTML 3Page - Tyco Electronics 350792-1 Datasheet HTML 4Page - Tyco Electronics 350792-1 Datasheet HTML 5Page - Tyco Electronics 350792-1 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
te.com/powerconnectors
2-Piece Power Connectors
TE Connectivity
Application: Cable Power
MULTI-BEAM XLE Cable Receptacles
• X, Y, Z float mount, blind-mate
connectors for drawer type applications
• Allows more angular misalignment than
the original MULTI-BEAM XL connector
• Modular design to meet any
application
• Hot-Pluggable
• Panel Mount, Slide-to-Lock and
Squeeze-to-Release configurations are
available
CABLE POWER
Products
Wire Size
Current Rating
Specialty
MULTI-BEAM XLE
26-8 AWG
up to 50 Amps
Low, high power options in
same connector
ET POWER
14-10 AWG
up to 35 Amps
Low profile
RAPID LOCK
12-0 AWG
50-250 Amps
BusBar Quick Connect/
Disconnect
High Current Universal
MATE-N-LOK
30-10 AWG
up to 35 Amps
Panel mount or
free hanging versions
AMP Power Series
300MCM-0 AWG
15-275 Amps
Single & 2 pole
Quick Connect/Disconnect
Wave Crimp
Flat Cable
40-110 Amps
Flat
AMPOWER Wave Crimp System
• Flat cable, dissipates heat better than
round wire
• Termination of flat cable requires
no stripping. Provides a reliable low
resistance, gas tight interface
• Lower operating temperature than
standard round/discrete wires
• Easily formed into shape, without
cable ties
• Lower cost than laminated bus bars
AMP Power Series Connectors
• Single pole and 2-pole connector
housings, crimp snap-in contacts, and
accessories
• Rugged contact design
• Open barrel contacts 6-20AWG on
reels for automatic and semiautomatic
machine termination
• Compatible with industry alternate
standard versions
te.com/products/multibeamxle
te.com/products/amppowerseries
te.com/products/wavecrimp
High Current Universal MATE-N-LOK II
Connectors
• Available in 2-15 circuit sizes for free
hanging, panel mount, or wire-to-board
connection
• Louvertac band and screw machined
contacts provide very high current with
low contact resistance
• No extraction tools required/economical
• Pin and sockets can be intermixed in
the same housing
RAPID LOCK Bus Bar Connectors
• Locking feature retains each contact to
mating pin
• No installation tools required
• Fast, reliable replacement for power
lugs
• Up to 250 Amps per contact; very low
contact resistance
ET Power Connector
• Up to 35Amps per contact
• End-to-end stackability
• Low profile, less than 8 mm above PCB
• Cable-to-PCB applications
• Positive latch retention
• Right angle and vertical mounts
te.com/products/universalmatenlok
te.com/products/etpower
te.com/products/rapidlock



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com