Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

353294 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 353294
Description  1.5 mm AMP Mini CT Connector Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

353294 Datasheet(HTML) 3 Page - Tyco Electronics

  353294 Datasheet HTML 1Page - Tyco Electronics 353294 Datasheet HTML 2Page - Tyco Electronics 353294 Datasheet HTML 3Page - Tyco Electronics 353294 Datasheet HTML 4Page - Tyco Electronics 353294 Datasheet HTML 5Page - Tyco Electronics 353294 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
te.com/products/minict
1.5 mm AMP Mini CT Connector Series
TE Connectivity
Photo Key
353293
A
292206
D
292228
292229
G
M
292215
J
353907
B
292207
E
292230
292262
H
N
353294
K
353908
C
292227
F
292231
292208
2106091
I
L
O
Dual Row Assemblies
Solder Pad
Locating Boss
1
2
3
Dual Row Assemblies
Two single row receptacle housings, either MT
or crimp, that use a holder to mate with a dual
row header.
Solder Pad
Designed to secure the SMT headers onto the PCB
Locating Boss
A mechanical feature that helps orientate the
headers onto the PCB.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com