Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

324621 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 324621
Description  Standard Terminals and Splices
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

324621 Datasheet(HTML) 5 Page - Tyco Electronics

  324621 Datasheet HTML 1Page - Tyco Electronics 324621 Datasheet HTML 2Page - Tyco Electronics 324621 Datasheet HTML 3Page - Tyco Electronics 324621 Datasheet HTML 4Page - Tyco Electronics 324621 Datasheet HTML 5Page - Tyco Electronics 324621 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Standard Terminals and Splices
Catalog 82042
Revised 8-00
CERTI-SEAL
63
Product Facts
s
Nylon window splice for
military, commercial, air-
craft, and missile applica-
tions that seals out vapors
and fluids and imparts
exceptional wire insulation
support
s
Metal rings at both ends of
splice and permanently
crimped to wire insulation
for a moisture tight seal,
even at altitude
s
Designed to fit more than
100 insulation diameters in
MIL-Spec wires from #24 to
#10 AWG, and is available
in three types
s
First type is made with a
nylon ring adapter within
the wire entrance
s
Second type, without
nylon ring adapters
s
Third type with a nylon
ring adapter in one end
only
s
Special notch feature on
the outside of the splice
allows locator in the crimp -
ing tool to precisely posi -
tion splice before crimping
and to prevent twisting or
horizontal movement dur-
ing crimping
s
Window area of each splice
permits visual inspection of
the linear plane of the
crimp in relation to the
inner metal sleeve
s
Wire-stops in splice barrel
indicate exact insertion
depth of stripped wire-ends
Table of Contents
Splices and Tooling. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64
Color Coding. The splice body is color coded by wire size:
Tin plated for 24-20, Red for 22-18, Blue for 16-14, Yellow
for 12-10. The metal rings are color coded green or orange
to identify the presence of adapters.
Rings. Metal rings at both
ends permanently seal the
splice to the wire insulation
for a moisture tight seal.
Adapters. Nylon ring
adapter allows for smaller
wire insulation diameters.
Basic Splice Material. The basic
splice body is constructed of fine
grade high conductivity copper
per ASTM B-152 and is either
color coded or tin-plated per
ASTM B-545. AMP’s special plat-
ing process creates durable cor -
rosion resistance to salt spray
and most chemical fumes.
Insulation. Nylon insulation
assures high dielectric strength.
Special notch feature allows
crimping tool locator to position
the splice to prevent twisting
during crimping.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com