Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD677JRZ Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AD677JRZ
Description  MICROCIRCUIT, DIGITAL-LINEAR, FAST, SERIAL, 16-BIT, A/D CONVERTER, MULTICHIP SILICON
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AD677JRZ Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AD677JRZ Datasheet HTML 1Page - List of Unclassifed Manufacturers AD677JRZ Datasheet HTML 2Page - List of Unclassifed Manufacturers AD677JRZ Datasheet HTML 3Page - List of Unclassifed Manufacturers AD677JRZ Datasheet HTML 4Page - List of Unclassifed Manufacturers AD677JRZ Datasheet HTML 5Page - List of Unclassifed Manufacturers AD677JRZ Datasheet HTML 6Page - List of Unclassifed Manufacturers AD677JRZ Datasheet HTML 7Page - List of Unclassifed Manufacturers AD677JRZ Datasheet HTML 8Page - List of Unclassifed Manufacturers AD677JRZ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-95592
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
B
SHEET
3
DSCC FORM 2234
APR 97
1.3 Absolute maximum ratings. 1/
VCC to VEE .................................................................................................... -0.3 V dc to +26.4 V dc
VDD to DGND ............................................................................................... -0.3 V dc to +7 V dc
VCC to AGND ............................................................................................... -0.3 V dc to +18 V dc
VEE to AGND ................................................................................................ -18 V dc to +0.3 V dc
AGND to DGND ...........................................................................................
±0.3 V dc
Digital inputs (CAL, SAMPLE, CLK) to DGND ............................................. 0 V dc to +5.5 V dc
Analog inputs (VIN, VREF, AGND SENSE) to AGND ..................................... (VCC + 0.3 V) to (VEE – 0.3 V)
Power dissipation (PD):
VREF = 10 V .............................................................................................. 630 mW
VREF = 5 V ................................................................................................ 530 mW
Thermal resistance, junction-to-case (
θ
JC) ...................................................
15
°C/W
Thermal resistance, junction-to-ambient (
θ
JA) ..............................................
80
°C/W
Storage temperature range .......................................................................... -65
°C to +150°C
Lead temperature (soldering, 10 sec) .......................................................... +300
°C
1.4 Recommended operating conditions. 2/
Ambient operating temperature range (TA) .................................................. -55°C to +125°C
Positive analog supply voltage (VCC) ........................................................... 11.4 V dc to 12.6 V dc
Negative analog supply voltage (VEE) .......................................................... -11.4 V dc to –12.6 V dc
Digital supply voltage (VDD) ......................................................................... 4.5 V dc to 5.5 V dc
Analog reference voltage (VREF) .................................................................. 5 V dc to 10 V dc
Analog input voltage range (VIN) .................................................................. -VREF to VREF
Analog ground sense voltage ...................................................................... -0.1 V dc to 0.1 V dc
2. APPLICABLE DOCUMENTS
2.1 Government specification, standards, and handbooks. The following specification, standards, and handbooks form a part
of this drawing to the extent specified herein. Unless otherwise specified, the issues of these documents are those cited in the
solicitation or contract.
DEPARTMENT OF DEFENSE SPECIFICATION
MIL-PRF-38535 - Integrated Circuits, Manufacturing, General Specification for.
DEPARTMENT OF DEFENSE STANDARDS
MIL-STD-883
-
Test Method Standard Microcircuits.
MIL-STD-1835 -
Interface Standard Electronic Component Case Outlines.
DEPARTMENT OF DEFENSE HANDBOOKS
MIL-HDBK-103 -
List of Standard Microcircuit Drawings.
MIL-HDBK-780 -
Standard Microcircuit Drawings.
(Copies of these documents are available online at http://quicksearch.dla.mil or from the Standardization Document Order
Desk, 700 Robbins Avenue, Building 4D, Philadelphia, PA 19111-5094.)
2.2 Order of precedence. In the event of a conflict between the text of this drawing and the references cited herein, the text
of this drawing takes precedence. Nothing in this document, however, supersedes applicable laws and regulations unless a
specific exemption has been obtained.
________
1/
Stresses above the absolute maximum rating may cause permanent damage to the device. Extended operation at the
maximum levels may degrade performance and affect reliability.
2/
AGND and DGND tied at ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com