Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3982 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP3982
Description  LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3982 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP3982 Datasheet HTML 9Page - Texas Instruments LP3982 Datasheet HTML 10Page - Texas Instruments LP3982 Datasheet HTML 11Page - Texas Instruments LP3982 Datasheet HTML 12Page - Texas Instruments LP3982 Datasheet HTML 13Page - Texas Instruments LP3982 Datasheet HTML 14Page - Texas Instruments LP3982 Datasheet HTML 15Page - Texas Instruments LP3982 Datasheet HTML 16Page - Texas Instruments LP3982 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
SHD
N
1
2
3
4
5
6
7
8
OUT
IN
GND
OUT
CC
SET *
FAULT
OUT
IN
GND
OUT
FAULT
SHDN
CC
SET
1
3
4
2
6
5
7
8
GND
LP3982
www.ti.com
SNVS185D – FEBRUARY 2002 – REVISED APRIL 2013
Connection Diagram
The set pin is internally disconnected for the fixed versions.
Figure 22. 8-Pin VSSOP
Figure 23. 8-Pin WSON Surface Mount
Top View
Top View
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP3982



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com