Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2954IS Datasheet(PDF) 5 Page - Texas Instruments

Part # LP2954IS
Description  LP2954/LP2954A 5V and Adjustable Micropower Low-Dropout Voltage Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2954IS Datasheet(HTML) 5 Page - Texas Instruments

  LP2954IS Datasheet HTML 1Page - Texas Instruments LP2954IS Datasheet HTML 2Page - Texas Instruments LP2954IS Datasheet HTML 3Page - Texas Instruments LP2954IS Datasheet HTML 4Page - Texas Instruments LP2954IS Datasheet HTML 5Page - Texas Instruments LP2954IS Datasheet HTML 6Page - Texas Instruments LP2954IS Datasheet HTML 7Page - Texas Instruments LP2954IS Datasheet HTML 8Page - Texas Instruments LP2954IS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LP2954, LP2954A
www.ti.com
SNVS096D – JUNE 1999 – REVISED MARCH 2013
Table 1. Typical Values of Case-to-Heatsink
Thermal Resistance (°C/W) (Data from AAVID Eng.)
Silicone grease
1.0
Dry interface
1.3
Mica with grease
1.4
Table 2. Typical Values of Case-to-Heatsink
Thermal Resistance (°C/W) (Data from Thermalloy)
Thermasil III
1.3
Thermasil II
1.5
Thermalfilm (0.002) with grease
2.2
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP2954 LP2954A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com