Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2954A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP2954A
Description  LP2954/LP2954A 5V and Adjustable Micropower Low-Dropout Voltage Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2954A Datasheet(HTML) 3 Page - Texas Instruments

  LP2954A Datasheet HTML 1Page - Texas Instruments LP2954A Datasheet HTML 2Page - Texas Instruments LP2954A Datasheet HTML 3Page - Texas Instruments LP2954A Datasheet HTML 4Page - Texas Instruments LP2954A Datasheet HTML 5Page - Texas Instruments LP2954A Datasheet HTML 6Page - Texas Instruments LP2954A Datasheet HTML 7Page - Texas Instruments LP2954A Datasheet HTML 8Page - Texas Instruments LP2954A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LP2954, LP2954A
www.ti.com
SNVS096D – JUNE 1999 – REVISED MARCH 2013
Electrical Characteristics
Limits in standard typeface are for TJ = 25°C, bold typeface applies over the −40°C to +125°C temperature range. Limits
are specified by production testing or correlation techniques using standard Statistical Quality Control (SQC) methods. Unless
otherwise noted: VIN = 6V, IL = 1 mA, CL = 2.2 μF.
2954AI
2954I
Symbol
Parameter
Conditions
Typical
Units
Min
Max
Min
Max
VO
5.0
4.975
5.025
4.950
5.050
Output Voltage(1)
4.940
5.060
4.900
5.100
V
1 mA
≤ IL ≤ 250 mA
5.0
4.930
5.070
4.880
5.120
Output Voltage Temp.
See(2)
20
100
150
ppm/°C
Coefficient(1)
VIN = 6V to 30V
0.03
0.10
0.20
Line Regulation
%
0.20
0.40
IL = 1 to 250 mA
0.16
0.20
Load Regulation
%
IL = 0.1 to 1 mA
(3)
0.04
0.20
0.30
VIN–VO
IL = 1 mA
60
100
100
150
150
IL = 50 mA
240
300
300
420
420
Dropout Voltage(4)
mV
IL = 100 mA
310
400
400
520
520
IL = 250 mA
470
600
600
800
800
IGND
IL = 1 mA
90
150
150
μA
180
180
IL = 50 mA
1.1
2
2
2.5
2.5
Ground Pin Current(5)
IL = 100 mA
4.5
6
6
mA
8
8
IL = 250 mA
21
28
28
33
33
IGND
VIN = 4.5V
170
170
Ground Pin Current at
μA
Dropout(5)
120
210
210
ILIMIT
VOUT = 0V
380
500
500
Current Limit
mA
530
530
Thermal Regulation
See(6)
0.05
0.2
0.2
%/W
en
CL = 2.2 μF
400
Output Noise Voltage
(10 Hz to 100 kHz)
CL = 33 μF
260
μV RMS
IL = 100 mA
CL=33μF
(7)
80
(1)
When used in dual-supply systems where the regulator load is returned to a negative supply, the output voltage must be diode-clamped
to ground.
(2)
Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
(3)
Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested separately for load
regulation in the load ranges 0.1 mA–1 mA and 1 mA–250 mA. Changes in output voltage due to heating effects are covered by the
thermal regulation specification.
(4)
Dropout voltage is defined as the input to output differential at which the output voltage drops 100 mV below the value measured with a
1V differential.
(5)
Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the load current plus the
ground pin current.
(6)
Thermal regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied, excluding load
or line regulation effects. Specifications are for 200 mA load pulse at VIN = 20V (3W pulse) for T = 10 ms.
(7)
Connect a 0.1
μF capacitor from the output to the feedback pin.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP2954 LP2954A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com