Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38693MP-2.5 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP38693MP-2.5
Description  LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38693MP-2.5 Datasheet(HTML) 3 Page - Texas Instruments

  LP38693MP-2.5 Datasheet HTML 1Page - Texas Instruments LP38693MP-2.5 Datasheet HTML 2Page - Texas Instruments LP38693MP-2.5 Datasheet HTML 3Page - Texas Instruments LP38693MP-2.5 Datasheet HTML 4Page - Texas Instruments LP38693MP-2.5 Datasheet HTML 5Page - Texas Instruments LP38693MP-2.5 Datasheet HTML 6Page - Texas Instruments LP38693MP-2.5 Datasheet HTML 7Page - Texas Instruments LP38693MP-2.5 Datasheet HTML 8Page - Texas Instruments LP38693MP-2.5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
LP38691, LP38693
www.ti.com
SNVS321K – JANUARY 2005 – REVISED APRIL 2013
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Storage Temperature Range
−65°C to +150°C
Lead Temp. (Soldering, 5 seconds)
260°C
ESD Rating(3)
2 kV
Power Dissipation(4)
Internally Limited
V(max) All pins (with respect to GND)
-0.3V to 12V
IOUT
(5)
Internally Limited
Junction Temperature
−40°C to +150°C
(1)
Absolute maximum ratings indicate limits beyond which damage to the component may occur. Operating ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications, see Electrical
Characteristics. Specifications do not apply when operating the device outside of its rated operating conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
ESD is tested using the human body model which is a 100pF capacitor discharged through a 1.5k resistor into each pin.
(4)
At elevated temperatures, device power dissipation must be derated based on package thermal resistance and heatsink values (if a
heatsink is used). The junction-to-ambient thermal resistance (
θJ-A) for the PFM is approximately 90°C/W for a PC board mounting with
the device soldered down to minimum copper area (less than 0.1 square inch). If one square inch of copper is used as a heat dissipator
for the PFM, the
θJ-A drops to approximately 50°C/W. The SOT-223 package has a θJ-A of approximately 125°C/W when soldered down
to a minimum sized pattern (less than 0.1 square inch) and approximately 70°C/W when soldered to a copper area of one square inch.
The
θJ-A values for the WSON package are also dependent on trace area, copper thickness, and the number of thermal vias used (refer
to the TI (AN-1187 Application Report) and the WSON MOUNTING section in this datasheet). If power dissipation causes the junction
temperature to exceed specified limits, the device will go into thermal shutdown.
(5)
If used in a dual-supply system where the regulator load is returned to a negative supply, the output pin must be diode clamped to
ground.
OPERATING RATINGS
VIN Supply Voltage
2.7V to 10V
Operating Junction Temperature Range
−40°C to +125°C
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP38691 LP38693



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com