Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV712MM Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMV712MM
Description  LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV712MM Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMV712MM Datasheet HTML 7Page - Texas Instruments LMV712MM Datasheet HTML 8Page - Texas Instruments LMV712MM Datasheet HTML 9Page - Texas Instruments LMV712MM Datasheet HTML 10Page - Texas Instruments LMV712MM Datasheet HTML 11Page - Texas Instruments LMV712MM Datasheet HTML 12Page - Texas Instruments LMV712MM Datasheet HTML 13Page - Texas Instruments LMV712MM Datasheet HTML 14Page - Texas Instruments LMV712MM Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
CLASS AB
CONTROL
BIAS
CONTROL
MP3
MP4
MP1
MP2
MN2
MN4
MN3
MN1
Q2
Q1
Q3
Q4
Q5
Q6
OUT
IN
+
V
-
SD
IN
-
IN
VBIAS
VBIAS
IP
V
+
LMV712-N
www.ti.com
SNOS534G – MAY 2004 – REVISED MARCH 2010
APPLICATION INFORMATION
THEORY OF OPERATION
The LMV712-N dual op amp is derived from the LMV711 single op amp. Figure 32 contains a simplified
schematic of one channel of the LMV712-N.
Figure 32.
Rail-to-Rail input is achieved by using in parallel, one NMOS differential pair (MN1 and MN2) and one PMOS
differential pair (MP1 and MP2). When the common mode input voltage (VCM) is near V
+, the NMOS pair is on
and the PMOS pair is off. When VCM is near V
−, the NMOS pair is off and the PMOS pair is on. When V
CM is
between V+ and V−, internal logic decides how much current each differential pair will get. This special logic
ensures stable and low distortion amplifier operation within the entire common mode voltage range.
Because both input stages have their own offset voltage (VOS) characteristic, the offset voltage of the LMV712-N
becomes a function of VCM. VOS has a crossover point at 1.4V above V
−. Refer to the "V
OS vs. VCM" curve in the
Typical Performance Characteristics section. Caution should be taken in situations where input signal amplitude
is comparable to VOS value and/or the design requires high accuracy. In these situations, it is necessary for the
input signal to avoid the crossover point.
The current coming out of the input differential pairs gets mirrored through two folded cascode stages (Q1, Q2,
Q3, Q4) into the "class AB control" block. This circuitry generates voltage gain, defines the op amp's dominant
pole and limits the maximum current flowing at the output stage. MN3 introduces a voltage level shift and acts as
a high impedance to low impedance buffer.
The output stage is composed of a PMOS and a NPN transistor in a common source/emitter configuration,
delivering a rail-to-rail output excursion.
The MN4 transistor ensures that the LMV712-N output remains near V− when the amplifier is in shutdown mode.
SHUTDOWN PIN
The LMV712-N offers independent shutdown pins for the dual amplifiers. When the shutdown pin is tied low, the
respective amplifier shuts down and the supply current is reduced to less than 1µA. In shutdown mode, the
amplifier's output level stays at V−. In a 2.7V operation, when a voltage between 1.5V to 2.7V is applied to the
shutdown pin, the amplifier is enabled. As the amplifier is coming out of the shutdown mode, the output
waveform ramps up without any glitch. This is demonstrated in Figure 33.
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMV712-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com