Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV722MM Datasheet(PDF) 1 Page - Texas Instruments

Part # LMV722MM
Description  LMV721-N/LMV722 10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV722MM Datasheet(HTML) 1 Page - Texas Instruments

  LMV722MM Datasheet HTML 1Page - Texas Instruments LMV722MM Datasheet HTML 2Page - Texas Instruments LMV722MM Datasheet HTML 3Page - Texas Instruments LMV722MM Datasheet HTML 4Page - Texas Instruments LMV722MM Datasheet HTML 5Page - Texas Instruments LMV722MM Datasheet HTML 6Page - Texas Instruments LMV722MM Datasheet HTML 7Page - Texas Instruments LMV722MM Datasheet HTML 8Page - Texas Instruments LMV722MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LMV721-N, LMV722-N
www.ti.com
SNOS414I – AUGUST 1999 – REVISED AUGUST 2013
LMV721-N/LMV722 10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
Check for Samples: LMV721-N, LMV722-N
1
FEATURES
DESCRIPTION
The LMV721-N (Single) and LMV722 (Dual) are low
2
•
(For Typical, 5 V Supply Values; Unless
noise, low voltage, and low power op amps, that can
Otherwise Noted)
be designed into a wide range of applications. The
•
Ensured 2.2V and 5.0V Performance
LMV721-N/LMV722 has a unity gain bandwidth of
•
Low Supply Current LMV721-N/2
10MHz, a slew rate of 5V/us, and a quiescent current
of 930uA/amplifier at 2.2V.
930µA/Amplifier at 2.2V
•
High Unity-Gain Bandwidth 10MHz
The LMV721-N/722 are designed to provide optimal
performance in low voltage and low noise systems.
•
Rail-to-Rail Output Swing
They provide rail-to-rail output swing into heavy
–
at 600
Ω Load
120mV from Either Rail at
loads.
The
input
common-mode
voltage
range
2.2V
includes ground, and the maximum input offset
–
at 2k
Ω Load
50mV from Either Rail at 2.2V
voltage are 3.5mV (Over Temp) for the LMV721-
N/LMV722. Their capacitive load capability is also
•
Input Common Mode Voltage Range Includes
good at low supply voltages. The operating range is
Ground
from 2.2V to 5.5V.
•
Silicon Dust, SC70-5 Package 2.0x2.0x1.0 mm
The chip is built with TI's advanced Submicron
•
Input Voltage Noise 9 nV/
√Hz at f = 1KHz
Silicon-Gate BiCMOS process. The single version,
LMV721-N, is available in 5 pin SOT-23 and a SC70
APPLICATIONS
(new)
package.
The
dual
version,
LMV722,
is
•
Cellular an Cordless Phones
available in an SOIC-8 and VSSOP-8 package.
•
Active Filter and Buffers
•
Laptops and PDAs
•
Battery Powered Electronics
Typical Application
Figure 1. A Battery Powered Microphone Preamplifier
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMV722MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV722MM NSC-LMV722MM Datasheet
459Kb / 15P
10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
Texas Instruments
LMV722MM TI1-LMV722MM Datasheet
966Kb / 18P
10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
LMV722MM TI1-LMV722MM Datasheet
1Mb / 27P
10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
Guangdong Youtai Semico...
LMV722MM UMW-LMV722MM Datasheet
4Mb / 18P
10MHz, RRIO CMOSOperational Amplifiers
logo
Texas Instruments
LMV722MM/NOPB TI1-LMV722MM/NOPB Datasheet
1Mb / 27P
10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
More results

Similar Description - LMV722MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV721 NSC-LMV721 Datasheet
459Kb / 15P
10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
Intersil Corporation
HA-5101 INTERSIL-HA-5101 Datasheet
534Kb / 10P
10MHz, Low Noise, Operational Amplifiers
April 2002
HA-5101 INTERSIL-HA-5101_03 Datasheet
556Kb / 10P
10MHz, Low Noise, Operational Amplifiers
May 2003
logo
National Semiconductor ...
LMV721 NSC-LMV721_06 Datasheet
927Kb / 15P
10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
Texas Instruments
LMV721 TI1-LMV721 Datasheet
966Kb / 18P
10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
Unisonic Technologies
LM833 UTC-LM833 Datasheet
149Kb / 5P
DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
LM833 UTC-LM833_15 Datasheet
149Kb / 5P
DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
logo
Texas Instruments
LMV721-N TI1-LMV721-N Datasheet
1Mb / 27P
10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
LMV722-Q1 TI1-LMV722-Q1 Datasheet
1Mb / 25P
10-MHz Low-Noise, Low-Voltage Operational Amplifier
logo
Renesas Technology Corp
HA-5101 RENESAS-HA-5101 Datasheet
563Kb / 10P
10MHz, Low Noise, Operational Amplifiers
May 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com