Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV722MX Datasheet(PDF) 3 Page - Texas Instruments

Part # LMV722MX
Description  LMV721-N/LMV722 10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV722MX Datasheet(HTML) 3 Page - Texas Instruments

  LMV722MX Datasheet HTML 1Page - Texas Instruments LMV722MX Datasheet HTML 2Page - Texas Instruments LMV722MX Datasheet HTML 3Page - Texas Instruments LMV722MX Datasheet HTML 4Page - Texas Instruments LMV722MX Datasheet HTML 5Page - Texas Instruments LMV722MX Datasheet HTML 6Page - Texas Instruments LMV722MX Datasheet HTML 7Page - Texas Instruments LMV722MX Datasheet HTML 8Page - Texas Instruments LMV722MX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LMV721-N, LMV722-N
www.ti.com
SNOS414I – AUGUST 1999 – REVISED AUGUST 2013
2.2V DC Electrical Characteristics (continued)
Unless otherwise specified, all limits specified for TJ = 25°C. V
+ = 2.2V, V− = 0V, V
CM = V
+/2, V
O = V
+/2 and R
L > 1 MΩ.
Boldface limits apply at the temperature extremes.
Parameter
Test Conditions
Typ (1)
Limit (2)
Units
VO
Output Swing
RL = 600Ω to V
+/2
2.125
2.090
V
2.065
min
0.071
0.120
V
0.145
max
RL = 2kΩ to V
+/2
2.177
2.150
V
2.125
min
0.056
0.080
V
0.105
max
IO
Output Current
Sourcing, VO = 0V
14.9
10.0
mA
VIN(diff) = ± 0.5V
5.0
min
Sinking, VO = 2.2V
17.6
10.0
mA
VIN(diff) = ± 0.5V
5.0
min
IS
Supply Current
LMV721-N
0.93
1.2
1.5
mA
max
LMV722
1.81
2.2
2.6
2.2V AC Electrical Characteristics
Unless otherwise specified, all limits specified for TJ = 25°C. V
+ = 2.2V, V− = 0V, V
CM = V
+/2, V
O = V
+/2 and R
L > 1
M
Ω.Boldface limits apply at the temperature extremes.
Parameter
Test Conditions
Typ (1)
Units
SR
Slew Rate
(2)
4.9
V/
μs
GBW
Gain-Bandwidth Product
10
MHz
Φm
Phase Margin
67.4
Deg
Gm
Gain Margin
−9.8
dB
en
Input-Referred Voltage Noise
f = 1 kHz
9
nV/
√Hz
in
Input-Referred Current Noise
f = 1 kHz
0.3
pA/
√Hz
THD
Total Harmonic Distortion
f = 1 kHz AV = 1
0.004
%
RL = 600Ω, VO = 500 mVPP
(1)
Typical Values represent the most likely parametric norm.
(2)
Connected as voltage follower with 1V step input. Number specified is the slower of the positive and negative slew rate.
5V DC Electrical Characteristics
Unless otherwise specified, all limits specified for TJ = 25°C. V
+ = 5V, V− = 0V, V
CM = V
+/2, V
O = V
+/2 and R
L > 1 MΩ.
Boldface limits apply at the temperature extremes.
Parameter
Test Conditions
Typ (1)
Limit (2)
Units
VOS
Input Offset Voltage
−0.08
3
mV
3.5
max
TCVOS
Input Offset Voltage Average Drift
0.6
μV/°C
IB
Input Bias Current
260
nA
IOS
Input Offset Current
25
nA
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 4.1V
89
70
dB
64
min
PSRR
Power Supply Rejection Ratio
2.2V
≤ V+ ≤ 5.0V, VO = 0 VCM = 0
90
70
dB
64
min
VCM
Input Common-Mode Voltage Range
For CMRR
≥ 50dB
−0.30
V
4.1
V
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are specified by testing or statistical analysis.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMV721-N LMV722-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com