Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6484IM Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6484IM
Description  LMC6484 CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6484IM Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMC6484IM Datasheet HTML 8Page - Texas Instruments LMC6484IM Datasheet HTML 9Page - Texas Instruments LMC6484IM Datasheet HTML 10Page - Texas Instruments LMC6484IM Datasheet HTML 11Page - Texas Instruments LMC6484IM Datasheet HTML 12Page - Texas Instruments LMC6484IM Datasheet HTML 13Page - Texas Instruments LMC6484IM Datasheet HTML 14Page - Texas Instruments LMC6484IM Datasheet HTML 15Page - Texas Instruments LMC6484IM Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Typical Performance Characteristics V
S = +15V, Single Supply, TA = 25˚C unless otherwise
specified (Continued)
Application Information
1.0 Amplifier Topology
The
LMC6484
incorporates
specially
designed
wide-compliance range current mirrors and the body effect to
extend input common mode range to each supply rail.
Complementary paralleled differential input stages, like the
type used in other CMOS and bipolar rail-to-rail input ampli-
fiers, were not used because of their inherent accuracy
problems
due
to
CMRR,
cross-over
distortion,
and
open-loop gain variation.
The LMC6484’s input stage design is complemented by an
output stage capable of rail-to-rail output swing even when
driving a large load. Rail-to-rail output swing is obtained by
taking the output directly from the internal integrator instead
of an output buffer stage.
2.0 Input Common-Mode Voltage Range
Unlike Bi-FET amplifier designs, the LMC6484 does not
exhibit phase inversion when an input voltage exceeds the
negative supply voltage.
Figure 1 shows an input voltage
exceeding both supplies with no resulting phase inversion on
the output.
The absolute maximum input voltage is 300 mV beyond
either supply rail at room temperature. Voltages greatly ex-
ceeding this absolute maximum rating, as in
Figure 2, can
cause excessive current to flow in or out of the input pins
possibly affecting reliability.
Applications that exceed this rating must externally limit the
maximum input current to ±5 mA with an input resistor as
shown in
Figure 3.
3.0 Rail-To-Rail Output
The approximated output resistance of the LMC6484 is
180
Ω sourcing and 130Ω sinking at V
S = 3V and 110Ω
sourcing and 83
Ω sinking at V
S = 5V. Using the calculated
output resistance, maximum output voltage swing can be
estimated as a function of load.
4.0 Capacitive Load Tolerance
The LMC6484 can typically directly drive a 100 pF load with
V
S = 15V at unity gain without oscillating. The unity gain
follower is the most sensitive configuration. Direct capacitive
Stability vs
Capacitive Load
DS011714-89
Stability vs
Capacitive Load
DS011714-90
DS011714-10
FIGURE 1. An Input Voltage Signal Exceeds the
LMC6484 Power Supply Voltages with
No Output Phase Inversion
DS011714-12
FIGURE 2. A ±7.5V Input Signal Greatly
Exceeds the 3V Supply in
Figure 3 Causing
No Phase Inversion Due to R
I
DS011714-11
FIGURE 3. R
I Input Current Protection for
Voltages Exceeding the Supply Voltage
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com