Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2514B-AEZC Datasheet(PDF) 39 Page - Microchip Technology

Part # USB2514B-AEZC
Description  USB 2.0 Hi-Speed Hub Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2514B-AEZC Datasheet(HTML) 39 Page - Microchip Technology

Back Button USB2514B-AEZC Datasheet HTML 35Page - Microchip Technology USB2514B-AEZC Datasheet HTML 36Page - Microchip Technology USB2514B-AEZC Datasheet HTML 37Page - Microchip Technology USB2514B-AEZC Datasheet HTML 38Page - Microchip Technology USB2514B-AEZC Datasheet HTML 39Page - Microchip Technology USB2514B-AEZC Datasheet HTML 40Page - Microchip Technology USB2514B-AEZC Datasheet HTML 41Page - Microchip Technology USB2514B-AEZC Datasheet HTML 42Page - Microchip Technology USB2514B-AEZC Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB251xB/xBi
39
Revision 2.2 (02-17-12)
DATASHEET
5.1.30
Register FBh: PortMap 12
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
PRTR12
PortMap Register for Ports 1 and 2: When a hub is enumerated by a USB
host controller, the hub is only permitted to report how many ports it has; the
hub is not permitted to select a numerical range or assignment. The host
controller will number the downstream ports of the hub starting with the
number 1, up to the number of ports that the hub reports having.
The host's port number is called the Logical Port Number and the physical
port on the hub is the Physical Port Number. When mapping mode is
enabled (see PRTMAP_EN, Section 5.1.9 on page 32) the hub's
downstream port numbers can be mapped to different logical port numbers
(assigned by the host).
Note:
Contiguous logical port numbers must be implemented, starting
from number 1 up to the maximum number of enabled ports. This
ensures that the hub's ports are numbered in accordance with the
way a host will communicate with the ports.
Bit [7:4]
0000
Physical port 2 is disabled
0001
Physical port 2 is mapped to logical port 1
0010
Physical port 2 is mapped to logical port 2
0011
Physical port 2 is mapped to logical port 3
0100
Physical port 2 is mapped to logical port 4
1000
to
1111
rsvd, will default to 0000 value
Bit [3:0]
0000
Physical port 1 is disabled
0001
Physical port 1 is mapped to logical port 1
0010
Physical port 1 is mapped to logical port 2
0011
Physical port 1 is mapped to logical port 3
0100
Physical port 1 is mapped to logical port 4
1000
to
1111
rsvd, will default to 0000 value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com