Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5109ASDX Datasheet(PDF) 2 Page - Texas Instruments

Part # LM5109ASDX
Description  LM5109A High Voltage 1A Peak Half Bridge Gate Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5109ASDX Datasheet(HTML) 2 Page - Texas Instruments

  LM5109ASDX Datasheet HTML 1Page - Texas Instruments LM5109ASDX Datasheet HTML 2Page - Texas Instruments LM5109ASDX Datasheet HTML 3Page - Texas Instruments LM5109ASDX Datasheet HTML 4Page - Texas Instruments LM5109ASDX Datasheet HTML 5Page - Texas Instruments LM5109ASDX Datasheet HTML 6Page - Texas Instruments LM5109ASDX Datasheet HTML 7Page - Texas Instruments LM5109ASDX Datasheet HTML 8Page - Texas Instruments LM5109ASDX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
HI
LI
V
SS
HO
HS
LO
HB
V
DD
1
2
3
4
8
7
6
5
HI
LI
V
SS
HO
HS
LO
HB
V
DD
1
2
3
4
8
7
6
5
DRIVER
DRIVER
LEVEL
SHIFT
UVLO
UVLO
HI
VDD
LI
VSS
HB
HO
HS
LO
HV
VDD
LM5109A
SNVS412A – APRIL 2006 – REVISED MARCH 2013
www.ti.com
Simplified Block Diagram
Connection Diagrams
Figure 1. 8-Lead SOIC
Figure 2. 8-Lead WSON
See D Package
See NGT0008A Package
PIN DESCRIPTIONS
Pin #
NAME
DESCRIPTION
APPLICATION INFORMATION
SOIC
WSON(1)
Locally decouple to VSS using low ESR/ESL capacitor located as
1
1
VDD
Positive gate drive supply
close to IC as possible.
The HI input is compatible with TTL input thresholds. Unused HI input
2
2
HI
High side control input
should be tied to ground and not left open
The LI input is compatible with TTL input thresholds. Unused LI input
3
3
LI
Low side control input
should be tied to ground and not left open.
4
4
VSS
Ground reference
All signals are referenced to this ground.
5
5
LO
Low side gate driver output
Connect to the gate of the low-side N- MOS device.
Connect to the negative terminal of the bootstrap capacitor and to the
6
6
HS
High side source connection
source of the high-side N-MOS device.
7
7
HO
High side gate driver output
Connect to the gate of the high-side N-MOS device.
(1)
For WSON package it is recommended that the exposed pad on the bottom of the package be soldered to ground plane on the PCB
and the ground plane should extend out from underneath the package to improve heat dissipation.
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM5109A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com