Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3488MM Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM3488MM
Description  High Efficiency Low-Side N-Channel Controller for Switching Regulators
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3488MM Datasheet(HTML) 3 Page - Texas Instruments

  LM3488MM Datasheet HTML 1Page - Texas Instruments LM3488MM Datasheet HTML 2Page - Texas Instruments LM3488MM Datasheet HTML 3Page - Texas Instruments LM3488MM Datasheet HTML 4Page - Texas Instruments LM3488MM Datasheet HTML 5Page - Texas Instruments LM3488MM Datasheet HTML 6Page - Texas Instruments LM3488MM Datasheet HTML 7Page - Texas Instruments LM3488MM Datasheet HTML 8Page - Texas Instruments LM3488MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
LM3488
LM3488-Q1
www.ti.com
SNVS089M – JULY 2000 – REVISED MARCH 2013
Operating Ratings
(1)
Supply Voltage
2.97V
≤ VIN ≤ 40V
Junction Temperature Range
−40°C ≤ TJ ≤ +125°C
Switching Frequency
100kHz
≤ FSW ≤ 1MHz
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics.
Electrical Characteristics
Specifications in Standard type face are for TJ = 25°C, and in bold type face apply over the full Operating Temperature
Range. Unless otherwise specified, VIN = 12V, RFA = 40kΩ
Symbol
Parameter
Conditions
Typical
Limit
Unit
VFB
Feedback Voltage
VCOMP = 1.4V,
1.26
V
2.97
≤ VIN ≤ 40V
1.2507/1.24
V(min)
1.2753/1.28
V(max)
ΔVLINE
Feedback Voltage Line Regulation
2.97
≤ VIN ≤ 40V
0.001
%/V
ΔVLOAD
Output Voltage Load Regulation
IEAO Source/Sink
±0.5
%/V (max)
VUVLO
Input Undervoltage Lock-out
2.85
V
2.97
V(max)
VUV(HYS)
Input Undervoltage Lock-out Hysteresis
170
mV
130
mV (min)
210
mV (max)
Fnom
Nominal Switching Frequency
RFA = 40KΩ
400
kHz
360
kHz(min)
430
kHz(max)
RDS1 (ON)
Driver Switch On Resistance (top)
IDR = 0.2A, VIN= 5V
16
Ω
RDS2 (ON)
Driver Switch On Resistance (bottom)
IDR = 0.2A
4.5
Ω
VDR (max)
Maximum Drive Voltage Swing(1)
VIN < 7.2V
VIN
V
VIN ≥ 7.2V
7.2
Dmax
Maximum Duty Cycle(2)
100
%
Tmin (on)
Minimum On Time
325
nsec
230
nsec(min)
550
nsec(max)
ISUPPLY
Supply Current (switching)
(3)
2.7
mA
3.0
mA (max)
IQ
Quiescent Current in Shutdown Mode
VFA/SYNC/SD = 5V
(4), V
IN = 5V
5
µA
7
µA (max)
VSENSE
Current Sense Threshold Voltage
VIN = 5V
156
mV
135/ 125
mV (min)
180/ 190
mV (max)
VSC
Short-Circuit Current Limit Sense
VIN = 5V
343
mV
Voltage
250
mV (min)
415
mV (max)
VSL
Internal Compensation Ramp Voltage
VIN = 5V
92
mV
52
mV(min)
132
mV(max)
VSL ratio
VSL/VSENSE
0.49
0.30
(min)
0.70
(max)
VOVP
Output Over-voltage Protection (with
VCOMP = 1.4V
50
mV
respect to feedback voltage) (5)
32/ 25
mV(min)
78/ 85
mV(max)
(1)
The voltage on the drive pin, VDR is equal to the input voltage when input voltage is less than 7.2V. VDR is equal to 7.2V when the input
voltage is greater than or equal to 7.2V.
(2)
The limits for the maximum duty cycle can not be specified since the part does not permit less than 100% maximum duty cycle
operation.
(3)
For this test, the FA/SYNC/SD Pin is pulled to ground using a 40K resistor .
(4)
For this test, the FA/SYNC/SD Pin is pulled to 5V using a 40K resistor.
(5)
The over-voltage protection is specified with respect to the feedback voltage. This is because the over-voltage protection tracks the
feedback voltage. The over-voltage thresold can be calculated by adding the feedback voltage, VFB to the over-voltage protection
specification.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3488 LM3488-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com