Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3405AXMYX Datasheet(PDF) 3 Page - Texas Instruments

Part # LM3405AXMYX
Description  LM3405A 1.6MHz, 1A Constant Current Buck LED Driver with Internal ensation in Tiny SOT and VSSOP PowerPAD Packages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3405AXMYX Datasheet(HTML) 3 Page - Texas Instruments

  LM3405AXMYX Datasheet HTML 1Page - Texas Instruments LM3405AXMYX Datasheet HTML 2Page - Texas Instruments LM3405AXMYX Datasheet HTML 3Page - Texas Instruments LM3405AXMYX Datasheet HTML 4Page - Texas Instruments LM3405AXMYX Datasheet HTML 5Page - Texas Instruments LM3405AXMYX Datasheet HTML 6Page - Texas Instruments LM3405AXMYX Datasheet HTML 7Page - Texas Instruments LM3405AXMYX Datasheet HTML 8Page - Texas Instruments LM3405AXMYX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LM3405A
www.ti.com
SNVS508C – OCTOBER 2007 – REVISED MAY 2013
ABSOLUTE MAXIMUM RATINGS
(1)
If Military/Aerospace specified devices are required, contact the Texas Instruments Sales Office/Distributors for availability
and specifications.
VALUE / UNIT
VIN
-0.5V to 24V
SW Voltage
-0.5V to 24V
Boost Voltage
-0.5V to 30V
Boost to SW Voltage
-0.5V to 6.0V
FB Voltage
-0.5V to 3.0V
EN/DIM Voltage
-0.5V to (VIN + 0.3V)
Junction Temperature
150°C
ESD Susceptibility (2)
2kV
Storage Temperature
-65°C to +150°C
Soldering Information Infrared/Convection Reflow (15sec)
220°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings define the conditions under
which the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics.
(2)
Human body model, 1.5k
Ω in series with 100pF.
RECOMMENDED OPERATING CONDITIONS
(1)
VALUE / UNIT
VIN
3V to 22V
EN/DIM voltage
-0.5V to (VIN + 0.3V)
Boost to SW Voltage
2.5V to 5.5V
Junction Temperature Range
-40°C to +125°C
Thermal Resistance
θJA
(2)
SOT 118°C/W
Thermal Resistance
θJA
(3)
eMSOP8 73°C/W
ILED SOT package
400mA
ILED VSSOP PowerPAD package
1A
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings define the conditions under
which the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics.
(2)
Thermal shutdown will occur if the junction temperature (TJ) exceeds 165°C. The maximum allowable power dissipation (PD) at any
ambient temperature (TA) is PD = (TJ(MAX) – TA)/θJA . This number applies to packages soldered directly onto a 3" x 3" PC board with
2oz. copper on 4 layers in still air. For a 2 layer board using 1 oz. copper in still air,
θJA = 204°C/W.
(3)
Thermal shutdown will occur if the junction temperature (TJ) exceeds 165°C. The maximum allowable power dissipation (PD) at any
ambient temperature (TA) is PD = (TJ(MAX) – TA)/θJA . This number applies to packages soldered directly onto a 1" x 0.75" PC board with
1oz. copper on 4 layers in still air.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3405A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com