Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2907M Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM2907M
Description  LM2907/LM2917 Frequency to Voltage Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2907M Datasheet(HTML) 3 Page - Texas Instruments

  LM2907M Datasheet HTML 1Page - Texas Instruments LM2907M Datasheet HTML 2Page - Texas Instruments LM2907M Datasheet HTML 3Page - Texas Instruments LM2907M Datasheet HTML 4Page - Texas Instruments LM2907M Datasheet HTML 5Page - Texas Instruments LM2907M Datasheet HTML 6Page - Texas Instruments LM2907M Datasheet HTML 7Page - Texas Instruments LM2907M Datasheet HTML 8Page - Texas Instruments LM2907M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LM2907-N, LM2917-N
www.ti.com
SNAS555C – JUNE 2000 – REVISED MARCH 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Supply Voltage
28V
Supply Current (Zener Options)
25 mA
Collector Voltage
28V
Differential Input Voltage
Tachometer
28V
Op Amp/Comparator
28V
Input Voltage Range
Tachometer
LM2907-8, LM2917-8
±28V
LM2907, LM2917
0.0V to +28V
Op Amp/Comparator
0.0V to +28V
Power Dissipation
LM2907-8, LM2917-8
1200 mW
LM2907-14, LM2917-14(1)
1580 mW
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Soldering Information
PDIP Package
Soldering (10 seconds)
260°C
SOIC Package
Vapor Phase (60 seconds)
215°C
Infrared (15 seconds)
220°C
(1)
For operation in ambient temperatures above 25°C, the device must be derated based on a 150°C maximum junction temperature and a
thermal resistance of 101°C/W junction to ambient for LM2907-8 and LM2917-8, and 79°C/W junction to ambient for LM2907-14 and
LM2917-14.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
ELECTRICAL CHARACTERISTICS
VCC = 12 VDC, TA = 25°C, see test circuit
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TACHOMETER
Input Thresholds
VIN = 250 mVp-p @ 1 kHz
(1)
±10
±25
±40
mV
Hysteresis
VIN = 250 mVp-p @ 1 kHz
(1)
30
mV
Offset Voltage
VIN = 250 mVp-p @ 1 kHz
(1)
LM2907/LM2917
3.5
10
mV
LM2907-8/LM2917-8
5
15
mV
Input Bias Current
VIN = ±50 mVDC
0.1
1
μA
VOH
Pin 2
VIN = +125 mVDC
(2)
8.3
V
VOL
Pin 2
VIN = −125 mVDC
(2)
2.3
V
I2, I3
Output Current
V2 = V3 = 6.0V(3)
140
180
240
μA
I3
Leakage Current
I2 = 0, V3 = 0
0.1
μA
K
Gain Constant
See(2)
0.9
1.0
1.1
Linearity
fIN = 1 kHz, 5 kHz, 10 kHz
(4)
−1.0
0.3
+1.0
%
OP/AMP COMPARATOR
VOS
VIN = 6.0V
3
10
mV
IBIAS
VIN = 6.0V
50
500
nA
Input Common-Mode
0
VCC−1.5V
V
Voltage
(1)
Hysteresis is the sum +VTH − (−VTH), offset voltage is their difference. See test circuit.
(2)
VOH is equal to ¾ × VCC − 1 VBE, VOL is equal to ¼ × VCC − 1 VBE therefore VOH − VOL = VCC/2. The difference, VOH − VOL, and the
mirror gain, I2/I3, are the two factors that cause the tachometer gain constant to vary from 1.0.
(3)
Be sure when choosing the time constant R1 × C1 that R1 is such that the maximum anticipated output voltage at pin 3 can be reached
with I3 × R1. The maximum value for R1 is limited by the output resistance of pin 3 which is greater than 10 MΩ typically.
(4)
Nonlinearity is defined as the deviation of VOUT (@ pin 3) for fIN = 5 kHz from a straight line defined by the VOUT @ 1 kHz and VOUT @
10 kHz. C1 = 1000 pF, R1 = 68k and C2 = 0.22 mFd.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2907-N LM2917-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com