Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM397MF Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM397MF
Description  LM397 Single General Purpose Voltage Comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM397MF Datasheet(HTML) 4 Page - Texas Instruments

  LM397MF Datasheet HTML 1Page - Texas Instruments LM397MF Datasheet HTML 2Page - Texas Instruments LM397MF Datasheet HTML 3Page - Texas Instruments LM397MF Datasheet HTML 4Page - Texas Instruments LM397MF Datasheet HTML 5Page - Texas Instruments LM397MF Datasheet HTML 6Page - Texas Instruments LM397MF Datasheet HTML 7Page - Texas Instruments LM397MF Datasheet HTML 8Page - Texas Instruments LM397MF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
200
400
800
1200
1400
2000
-100
-
50
0
50
10
0
0
2
4
6
8
10
TIME (ns)
VOD = 50mV
VOD = 5mV
OVERDRIVE
VOLTAGE (VOD)
VS = 5V, RPULL-UP = 5.1k: TO VS
CL = 15pF TO GND
200
400
800
1200
1400
2000
-100
-
50
0
50
10
0
0
2
4
6
8
10
TIME (ns)
VOD = 50mV
VOD = 5mV
OVERDRIVE
VOLTAGE (VOD)
VS = 5V, RPULL-UP = 5.1k: TO VS
CL = 15pF TO GND
0
5
10
15
2
0
25
30
SUPPLY VOLTAGE (V)
1
1.5
2.5
2
-40°C
85°C
25°C
1
10
100
0.01
0.1
1
OUTPUT SINK CURRENT (mA)
-40
R
C
25
R
C
85
R
C
0
5
10
15
20
25
30
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
SUPPLY VOLTAGE (V)
-40°C
25°C
85°C
0
5
10
15
20
25
30
SUPPLY VOLTAGE (V)
0
2
4
6
8
10
12
14
-40°C
25°C
85°C
LM397
SNOS977D – MAY 2001 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
TA = 25°C. Unless otherwise specified.
Supply Current
Input Bias Current
vs.
vs.
Supply Voltage
Supply Current
Figure 3.
Figure 4.
Output Saturation Voltage
Input Offset Voltage
vs.
vs.
Output Sink Current
Supply Voltage
Figure 5.
Figure 6.
Response Time for Various Input Overdrives – tPHL
Response Time for Various Input Overdrives – tPLH
Figure 7.
Figure 8.
4
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LM397



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com