Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM331N Datasheet(PDF) 10 Page - Texas Instruments

Part # LM331N
Description  LM231A/LM231/LM331A/LM331 Precision Voltage-to-Frequency Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM331N Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM331N Datasheet HTML 6Page - Texas Instruments LM331N Datasheet HTML 7Page - Texas Instruments LM331N Datasheet HTML 8Page - Texas Instruments LM331N Datasheet HTML 9Page - Texas Instruments LM331N Datasheet HTML 10Page - Texas Instruments LM331N Datasheet HTML 11Page - Texas Instruments LM331N Datasheet HTML 12Page - Texas Instruments LM331N Datasheet HTML 13Page - Texas Instruments LM331N Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LM231, LM331
SNOSBI2B – JUNE 1999 – REVISED MARCH 2013
www.ti.com
In the simple circuit of Figure 18, this current is filtered in the network RL = 100 kΩ and 1 μF. The ripple will be
less than 10 mV peak, but the response will be slow, with a 0.1 second time constant, and settling of 0.7 second
to 0.1% accuracy.
In the precision circuit, an operational amplifier provides a buffered output and also acts as a 2-pole filter. The
ripple will be less than 5 mV peak for all frequencies above 1 kHz, and the response time will be much quicker
than in Figure 18. However, for input frequencies below 200 Hz, this circuit will have worse ripple than Figure 18.
The engineering of the filter time-constants to get adequate response and small enough ripple simply requires a
study of the compromises to be made. Inherently, V-to-F converter response can be fast, but F-to-V response
can not.
*Use stable components with low temperature coefficients.
See APPLICATIONS INFORMATION.
**This resistor can be 5 k
Ω or 10 kΩ for VS=8V to 22V, but must be 10 kΩ for VS=4.5V to 8V.
***Use low offset voltage and low offset current op-amps for A1: recommended types LF411A or LF356.
Figure 17. Precision Voltage-to-Frequency Converter,
100 kHz Full-Scale, ±0.03% Non-Linearity
*Use stable components with low temperature coefficients.
Figure 18. Simple Frequency-to-Voltage Converter,
10 kHz Full-Scale, ±0.06% Non-Linearity
10
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM231 LM331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com