Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS362-I/ST Datasheet(PDF) 25 Page - Microchip Technology

Part # HCS362-I/ST
Description  KEELOQ Code Hopping Encoder
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS362-I/ST Datasheet(HTML) 25 Page - Microchip Technology

Back Button HCS362-I/ST Datasheet HTML 21Page - Microchip Technology HCS362-I/ST Datasheet HTML 22Page - Microchip Technology HCS362-I/ST Datasheet HTML 23Page - Microchip Technology HCS362-I/ST Datasheet HTML 24Page - Microchip Technology HCS362-I/ST Datasheet HTML 25Page - Microchip Technology HCS362-I/ST Datasheet HTML 26Page - Microchip Technology HCS362-I/ST Datasheet HTML 27Page - Microchip Technology HCS362-I/ST Datasheet HTML 28Page - Microchip Technology HCS362-I/ST Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
© 2002 Microchip Technology Inc.
Preliminary
DS40189D-page 25
HCS362
7.0
ELECTRICAL CHARACTERISTICS
TABLE 7-1:
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Rating
Units
VDD
Supply voltage
-0.3 to 6.6
V
VIN
Input voltage
-0.3 to VDD + 0.3
V
VOUT
Output voltage
-0.3 to VDD + 0.3
V
IOUT
Max output current
20
mA
TSTG
Storage temperature
-55 to +125
°C
TLSOL
Lead soldering temperature
300
°C
VESD
ESD rating
4,000
V
Note: Stresses above those listed under “ABSOLUTE MAXIMUM RATINGS” may cause permanent damage
to the device.
TABLE 7-2:
DC CHARACTERISTICS
Industrial
(I): TAMB = -40
°C to +85 °C
2.0V < VDD < 6.3
Parameter
Sym.
Min.
Typ.(1)
Max.
Unit
Conditions
Operating current (avg.)
ICC
—0.3
1.2
mA
VDD = 6.3V
Standby current
ICCS
—0.1
1.0
µAVDD = 6.3V
Auto-shutoff current(2,3)
ICCS
—40
75
µA—
High level Input voltage
VIH
0.65 VDD
—VDD + 0.3
V
VDD = 2.0V
Low level input voltage
VIL
-0.3
—
0.15 VDD
VVDD = 2.0V
High level output voltage
VOH
0.7 VDD
0.7 VDD
——
V
IOH = -1.0 mA, VDD = 2.0V
IOH = -2.0 mA, VDD = 6.3V
Low level output voltage
VOL
—
—
0.15 VDD
0.15 VDD
VIOL = 1.0 mA, VDD = 2.0V
IOL = 2.0 mA, VDD = 6.3V
RFEN pin high drive
IRFEN
0.5
1.0
1
2.5
3.0
5.0
mA
VRFEN = 1.4V VDD = 2.0V
VRFEN = 4.4V VDD = 6.3V
LED sink current
ILEDL
ILEDH
1.0
2.0
3.5
4.5
6.0
7.0
mA
mA
VLED = 1.5V, VDD = 3.0V
VLED = 1.5V, VDD = 6.3V
Pull-down Resistance; S0-S3
RS0-3
40
60
80
K
Ω
VDD = 4.0V
Pull-down Resistance; PWM
RPWM
80
120
160
K
Ω
VDD = 4.0V
Note 1: Typical values are at 25
°C.
2: Auto-shutoff current specification does not include the current through the input pull-down resistors.
3: These values are characterized but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com