| Electronic Components Datasheet Search |
|
TCN75 Datasheet(PDF) 43 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TCN75 Datasheet(HTML) 43 Page - Microchip Technology |
|
43 / 44 page ![]() 43 Analog & Interface Product Selector Guide LIN Serial Analyzer (APGDT001) The LIN Serial Analyzer development system enables a Personal Computer (PC) to communicate with a LIN (Local Interface Network) bus . The PC program uses a graphical user interface to enter and display message frames occurring on the target bus . USB to UART Converter Evaluation Board (MCP2200EV-VCP) The MCP2200EV-VCP is a USB-to-RS232 development and evaluation board for the MCP2200 USB-to-UART device . The board allows for easy demonstration and evaluation of the MCP2200 . The accompanying software allows the special device features to be configured and controlled . The board is powered from USB and has a test point associated with each GPIO pin . In addition, two of these pins are connected to LEDs which can be used to indicate USB-to-UART traffic when the associated pins are configured as TxLED and RxLED pins respectively. Linear Products MCP6V01 Thermocouple Auto-Zeroed Ref Design Board (MCP6V01RD-TCPL) The MCP6V01 design board demonstrates how to use a difference amplifier system to measure Electromotive Force (EMF) voltage at the cold junction of thermocouple in order to accurately measure temperature of the thermocouple bead . This can be done by using the MCP6V01 auto-zeroed op amp because of its ultra low offset Voltage (VOS) and high Common Mode Rejection Ratio (CMRR) . MCP6N11 and MCP6V2X Wheatstone Bridge Reference Design (ARD00354) This board demonstrates the performance of Microchip’s MCP6N11 instrumentation amplifier (INA) and a traditional three op amp INA using Microchip’s MCP6V26 and MCP6V27 auto-zeroed op amps . The input signal comes from an RTD temperature sensor in a Wheatstone bridge . Real world interference is added to the bridge’s output, to provide realistic performance comparisons . Data is gathered and displayed on a PC, for ease of use . MCP6H04 Evaluation Board (ADM00375) The MCP6H04 Evaluation Board is intended to support an instrumentation amplifier and show the capability of the MCP6H04 operational amplifier. It uses a quad op amp in a difference amplifier configuration with input buffers and voltage reference . The test points for the power supply, ground, input signals, output signals, and voltage reference allow lab equipment to be connected to the board . MCP73X23 OVP Lithium Iron Phosphate Battery Charger Evaluation Board (MCP73X23EV-LFP) The MCP73X23 Lithium Iron Phosphate Battery Charger Evaluation board demonstrates the features of Microchip’s MCP73123 and MCP73223 Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection . MCP7383X Li-Ion System Power Path Management Reference Design (MCP7383XRD-PPM) This reference design is developed to assist product designers in reducing product design cycle and time by utilizing Microchip’s stand-alone Li-Ion battery charge management controllers with system power path management . Due to the natural characteristics of Li-Ion/Li-Polymer batteries, they are the most popular power sources for mobile devices, however, extra care in design is always important . System Power Path Management allows end-users to charge their batteries without interruption . MCP1640 Sync Boost Converter Evaluation Board (MCP1640EV-SBC) The MCP1640 Synchronous Boost Converter Evaluation board demonstrates the MCP1640 in two boost-converter applications with multiple output voltages . It can be used to evaluate both package options (SOT-23-6 and 2 × 3-8 DFN) . This board was developed to help engineers reduce the product design cycle time . MCP1252 Charge Pump Backlight Demo Board (MCP1252DM-BKLT) The MCP1252 board demonstrates the use of a charge pump device in an LED application and acts as a platform to evaluate the MCP1252 device in general . Light intensity is controlled uniformly through the use of ballast resistors . A PIC10F206 MCU provides an enable signal to the MCP1252 and accepts a push-button input that allows the white LEDs to be adjusted to five different light intensities . Interface Products MCP2515 CAN Bus Monitor Demo Board (MCP2515DM-BM) The MCP2515 CAN Bus Monitor Demo board kit contains two identical boards which can be connected together to create a simple two node Controller Area Network (CAN) bus, which can be controlled and/or monitored via the included PC interface . The board(s) can also be connected to an existing CAN bus . Featured Analog Development Tools |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |