Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB-TO-GPIO Datasheet(PDF) 25 Page - Texas Instruments

Part # USB-TO-GPIO
Description  USB Interface Adapter Evaluation Module
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

USB-TO-GPIO Datasheet(HTML) 25 Page - Texas Instruments

Back Button USB-TO-GPIO Datasheet HTML 21Page - Texas Instruments USB-TO-GPIO Datasheet HTML 22Page - Texas Instruments USB-TO-GPIO Datasheet HTML 23Page - Texas Instruments USB-TO-GPIO Datasheet HTML 24Page - Texas Instruments USB-TO-GPIO Datasheet HTML 25Page - Texas Instruments USB-TO-GPIO Datasheet HTML 26Page - Texas Instruments USB-TO-GPIO Datasheet HTML 27Page - Texas Instruments USB-TO-GPIO Datasheet HTML 28Page - Texas Instruments USB-TO-GPIO Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
.NET Framework
GUI Application:
− VB .NET solution that uses Device Transport (DLL) and .NET
framework
− No other dependencies
− Strictly managed code for Windows form control
Device Transport:
− .NET DLL (managed code) that is also a VB .NET solution
− Interfaces with standard Windows USB HID driver
(usbhid.sys)
− Allows abstraction of application level GUI from interface and
can be re−used in any application using the adapter
.NET Framework:
− Standard installation of .NET framework (version 1.1)
− Installed on all PCs shipping with Windows for last few years
− Standard libraries for application control
Windows XP:
− Standard installation that ships with PCs
− .NET framework and application should also work with
previous versions of Windows as well
− Standard installation that ships with PCs
− Talks to USB hardware using Windows
USB HID Driver
.NET Framework
Windows XP
GUI Application
Device Transport
GUI Application:
− VB .NET solution that uses Device Transport (DLL) and .NET
framework
− No other dependencies
− Strictly managed code for Windows form control
Device Transport:
− .NET DLL (managed code) that is also a VB .NET solution
− Interfaces with standard Windows USB HID driver
(usbhid.sys)
− Allows abstraction of application level GUI from interface and
can be reused in any application using the adapter
.NET Framework:
− Standard installation of .NET framework (version 1.1)
− Installed on all PCs shipping with Windows for last few years
− Standard libraries for application control
Sold and supported by Microsoft
Windows XP:
− Standard installation that ships with PCs
− .NET framework and application should also work with
previous versions of Windows as well
USB HID Driver:
− Standard installation that ships with PCs
− Talks to USB hardware using Windows
.NET Framework
Chapter 5
SLLU093 – August 2006
GUI and PC Libraries
The adapter solution includes a set of PC libraries and a GUI that can be used to allow
PC applications access to the adapter and target devices that the adapter supports.
The GUI and PC libraries are designed using the Microsoft® .NET Framework, in order
to leverage as many standard libraries as possible. As previously described in this
document, the adapter presents itself as a USB HID to Windows. Because of this, no
custom driver is required, and the application software on the PC can use the standard
Microsoft Windows USB driver (usbhid.sys).
Like the adapter, the Windows libraries support all the different types of device
interfaces: I2C, SMBus, PMBus, and GPIO. In addition, the libraries support
configuration and control of the adapter itself by allowing PC programs to update the
EERPROM in the adapter, select switching in and out of resistors on data and clock
lines, etc.
Figure 5-1 represents the software architecture for the PC that is used.
Figure 5-1. USB Adapter Software Architecture
The major pieces of the software architecture are as follows:
• Windows XP™
• .NET Framework
• Device transport
• GUI application
SLLU093 – August 2006
GUI and PC Libraries
25
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com