Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA129 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA129
Description  Ultra-Low Bias Current Difet PERATIONAL AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA129 Datasheet(HTML) 1 Page - Texas Instruments

  OPA129 Datasheet HTML 1Page - Texas Instruments OPA129 Datasheet HTML 2Page - Texas Instruments OPA129 Datasheet HTML 3Page - Texas Instruments OPA129 Datasheet HTML 4Page - Texas Instruments OPA129 Datasheet HTML 5Page - Texas Instruments OPA129 Datasheet HTML 6Page - Texas Instruments OPA129 Datasheet HTML 7Page - Texas Instruments OPA129 Datasheet HTML 8Page - Texas Instruments OPA129 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Ultra-Low Bias Current
Difet®
OPERATIONAL AMPLIFIER
FEATURES
q ULTRA-LOW BIAS CURRENT: 100fA max
q LOW OFFSET: 2mV max
q LOW DRIFT: 10
µV/°C max
q HIGH OPEN-LOOP GAIN: 94dB min
q LOW NOISE: 15nV/
√Hz at 10kHz
q PLASTIC DIP AND SO PACKAGES
APPLICATIONS
q PHOTODETECTOR PREAMPS
q CHROMATOGRAPHY
q ELECTROMETER AMPLIFIERS
q MASS SPECTROMETERS
q pH PROBE AMPLIFIERS
q ION GAGE MEASUREMENT
DESCRIPTION
The OPA129 is an ultra-low bias current monolithic
operational amplifier offered in an 8-pin PDIP and
SO-8
package.
Using
advanced
geometry
dielectrically-isolated FET (
Difet®) inputs, this monolithic
amplifier achieves a high performance level.
Difet fabrication eliminates isolation-junction leakage
current—the main contributor to input bias current with
conventional monolithic FETs. This reduces
input bias current by a factor of 10 to 100. Very low
input bias current can be achieved without resorting to
small-geometry FETs or CMOS designs which can
suffer from much larger offset voltage, voltage noise,
drift, and poor power-supply rejection.
The OPA129 special pinout eliminates leakage current
that occurs with other op amps. Pins 1 and 4 have no
internal connection, allowing circuit board guard traces—
even with the surface-mount package version.
OPA129 is available in 8-pin DIP and SO packages,
specified for operation from –40
°C to +85°C.
+In
Output
6
Noise-Free
Cascode
7
5
V–
V+
30k
Ω
30k
Ω
–In
3
2
Simplified Circuit
8
Substrate
OPA
129
OPA129
OPA129
SBOS026A – JANUARY 1994 – REVISED APRIL 2007
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1994–2007, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Difet is a registered trademark of Texas Instruments.
All other trademarks are the property of their respective owners.


Similar Part No. - OPA129

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA129 BURR-BROWN-OPA129 Datasheet
640Kb / 7P
Ultra-Low Bias Current Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA129 TI-OPA129 Datasheet
652Kb / 14P
Ultra-Low Bias Current Difet짰 OPERATIONAL AMPLIFIER
OPA129 TI1-OPA129 Datasheet
661Kb / 15P
OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA129P BURR-BROWN-OPA129P Datasheet
640Kb / 7P
Ultra-Low Bias Current Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA129P TI-OPA129P Datasheet
652Kb / 14P
Ultra-Low Bias Current Difet짰 OPERATIONAL AMPLIFIER
More results

Similar Description - OPA129

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-297 AD-OP-297 Datasheet
592Kb / 16P
DUAL LOW BIAS CURRENT PRECISION OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
INA116 BURR-BROWN-INA116 Datasheet
246Kb / 9P
Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
OPA111 BURR-BROWN-OPA111 Datasheet
137Kb / 12P
Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA121 BURR-BROWN-OPA121 Datasheet
91Kb / 6P
Low Cost Precision Difet OPERATIONAL AMPLIFIER
OPA124 BURR-BROWN-OPA124 Datasheet
137Kb / 8P
Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA129 BURR-BROWN-OPA129 Datasheet
640Kb / 7P
Ultra-Low Bias Current Difet OPERATIONAL AMPLIFIER
OPA2111 BURR-BROWN-OPA2111 Datasheet
231Kb / 13P
Dual Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA654 BURR-BROWN-OPA654 Datasheet
131Kb / 8P
Wide Bandwidth, High Output Current Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA129UBE4 TI-OPA129UBE4 Datasheet
652Kb / 14P
Ultra-Low Bias Current Difet짰 OPERATIONAL AMPLIFIER
INA116 TI1-INA116 Datasheet
220Kb / 11P
Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com