Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIX4192 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DIX4192
Description  Integrated Digital Audio Interface Receiver and Transmitter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DIX4192 Datasheet(HTML) 3 Page - Texas Instruments

  DIX4192 Datasheet HTML 1Page - Texas Instruments DIX4192 Datasheet HTML 2Page - Texas Instruments DIX4192 Datasheet HTML 3Page - Texas Instruments DIX4192 Datasheet HTML 4Page - Texas Instruments DIX4192 Datasheet HTML 5Page - Texas Instruments DIX4192 Datasheet HTML 6Page - Texas Instruments DIX4192 Datasheet HTML 7Page - Texas Instruments DIX4192 Datasheet HTML 8Page - Texas Instruments DIX4192 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS: General, DIR, and DIT
DIX4192
SBFS031C – JANUARY 2006 – REVISED JUNE 2006
All specifications are at TA = +25°C, VDD18 = +1.8V, VDD33 = +3.3V, VIO = +3.3V, and VCC = +3.3V, unless otherwise noted.
DIX4192
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL I/O CHARACTERISTICS
(All I/O pins except line receivers and line driver)
High-level input voltage, VIH
0.7 × VIO
VIO
V
Low-level input voltage, VIL
0
0.3 × VIO
V
High-level input current, IIH
0.5
10
µA
Low-level input current, VIL
0.5
10
µA
High-level output voltage, VOH
IO = –4mA
0.8 × VIO
VIO
V
Low-level output voltage, VOL
IO = +4mA
0
0.2 × VIO
V
Input capacitance, CIN
3
pF
LINE RECEIVER INPUTS
(RX1+, RX1–, RX2+, RX2–, RX3+, RX3–, RX4+, RX4–)
Voltage across a given
Differential input sensitivity, VTH
150
200
mV
differential input pair
Input hysteresis, VHY
150
mV
LINE DRIVER OUTPUTS
(TX+, TX–)
Differential output voltage, VTXO
RL = 110Ω Across TX+ and TX–
5.4
VPP
MASTER CLOCK INPUT
Master clock input (MCLK) frequency, fMCLK
1
27.7
MHz
Master clock input (MCLK) duty cycle, fMCLKD
45
55
%
DIGITAL AUDIO INTERFACE RECEIVER (DIR)
PLL lock range
20
216
kHz
Reference clock input (RXCKI) frequency, fRXCKI
3.5
27.7
MHz
Reference clock input (RXCKI) duty cycle, fRXCKID
45
55
%
Recovered clock output (RXCKO) frequency, fRXCKO
3.5
27.7
MHz
Recovered clock output (RXCKO) duty cycle, fRXCKOD
45
55
%
Recovered clock output (RXCKO) intrinsic jitter
Measured cycle-to-cycle
250
ps RMS
DIGITAL AUDIO INTERFACE TRANSMITTER (DIT)
Intrinsic output jitter
Measured cycle-to-cycle
200
ps RMS
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com