Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA683ID Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA683ID
Description  Very Low-Power, Current Feedback RATIONAL AMPLIFIER With Disable
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA683ID Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA683ID Datasheet HTML 13Page - Texas Instruments OPA683ID Datasheet HTML 14Page - Texas Instruments OPA683ID Datasheet HTML 15Page - Texas Instruments OPA683ID Datasheet HTML 16Page - Texas Instruments OPA683ID Datasheet HTML 17Page - Texas Instruments OPA683ID Datasheet HTML 18Page - Texas Instruments OPA683ID Datasheet HTML 19Page - Texas Instruments OPA683ID Datasheet HTML 20Page - Texas Instruments OPA683ID Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
OPA683
17
SBOS221E
www.ti.com
OUTPUT CURRENT AND VOLTAGE
The OPA683 provides output voltage and current capabilities
that can support the needs of driving doubly-terminated 50
Ω
lines. Changing the 1k
Ω load in Figure 1 to a 100Ω will give
a total load that is the parallel combination of the 100
Ω load
and the 2.4k
Ω total feedback network impedance. This 96Ω
load will require no more than 36mA output current to support
a
±3.5V output voltage swing. This is within the specified
minimum output current of +58mA/–45mA over the full tem-
perature range.
The specifications described above, though familiar in the
industry, consider voltage and current limits separately. In
many applications, it is the voltage • current, or V-I product,
which is more relevant to circuit operation. Refer to the
“Output Voltage and Current Limitations” plot in the Typical
Characteristics. The X and Y axes of this graph show the
zero-voltage output current limit and the zero-current output
voltage limit, respectively. The four quadrants give a more
detailed view of the OPA683’s output drive capabilities.
Superimposing resistor load lines onto the plot shows the
available output voltage and current for specific loads.
The minimum specified output voltage and current over
temperature are set by worst-case simulations at the cold
temperature extreme. Only at cold startup will the output
current and voltage decrease to the numbers shown in the
Electrical Specifications. As the output transistors deliver
power, their junction temperatures will increase, decreasing
their VBE’s (increasing the available output voltage swing)
and increasing their current gains (increasing the available
output current). In steady state operation, the available
output voltage and current will always be greater than that
shown in the over-temperature specifications since the out-
put stage junction temperatures will be higher than the
minimum specified operating ambient.
To maintain maximum output stage linearity, no output short
circuit protection is provided. This will not normally be a
problem since most applications include a series matching
resistor at the output that will limit the internal power dissipa-
tion if the output side of this resistor is shorted to ground.
However, shorting the output pin directly to the adjacent
positive power-supply pin (8-pin packages) will, in most
cases, destroy the amplifier. If additional short-circuit protec-
tion is required, consider a small series resistor in the power-
supply leads. This will, under heavy output loads, reduce the
available output voltage swing. A 5
Ω series resistor in each
power-supply lead will limit the internal power dissipation to
less than 1W for an output short circuit while decreasing the
available output voltage swing only 0.25V for up to 50mA
desired load currents. Always place the 0.1
µF power-supply
decoupling capacitors after these supply current limiting
resistors directly on the supply pins.
DRIVING CAPACITIVE LOADS
One of the most demanding and yet very common load
conditions for an op amp is capacitive loading. Often, the
capacitive load is the input of an ADC—including additional
external capacitance which may be recommended to im-
prove ADC linearity. A high-speed, high open-loop gain
amplifier like the OPA683 can be very susceptible to de-
creased stability and closed-loop response peaking when a
capacitive load is placed directly on the output pin. When the
amplifier’s open-loop output resistance is considered, this
capacitive load introduces an additional pole in the signal
path that can decrease the phase margin. Several external
solutions to this problem have been suggested. When the
primary considerations are frequency response flatness, pulse
response fidelity and/or distortion, the simplest and most
effective solution is to isolate the capacitive load from the
feedback loop by inserting a series isolation resistor between
the amplifier output and the capacitive load. This does not
eliminate the pole from the loop response, but rather shifts it
and adds a zero at a higher frequency. The additional zero
acts to cancel the phase lag from the capacitive load pole,
thus increasing the phase margin and improving stability.
The Typical Characteristics show the recommended “RS vs
Capacitive Load” and the resulting frequency response at the
load. The 1k
Ω resistor shown in parallel with the load
capacitor is a measurement path and may be omitted.
Parasitic capacitive loads greater than 3pF can begin to
degrade the performance of the OPA683. Long PC board
traces, unmatched cables, and connections to multiple de-
vices can easily cause this value to be exceeded. Always
consider this effect carefully, and add the recommended
series resistor as close as possible to the OPA683 output pin
(see Board Layout Guidelines).
DISTORTION PERFORMANCE
The OPA683 provides low distortion in a very low power
amplifier. The CFBplus architecture also gives two significant
areas of distortion improvement. First, in operating regions
where the 2nd-harmonic distortion due to output stage
nonlinearities is very low (frequencies < 1MHz, low output
swings into light loads) the linearization at the inverting node
provided by the CFBplus design gives 2nd-harmonic distor-
tions that extend into the –90dBc region. Previous current
feedback amplifiers have been limited to approximately
–85dBc due to the nonlinearities at the inverting input. The
second area of distortion improvement comes in a distortion
performance that is more gain independent than prior solu-
tions. To the extent that the distortion at a particular output
power is output stage dependent, 2nd-harmonic particularly,
and to a lesser extend 3rd-harmonic distortion, is constant as
the gain is increased. This is due to the constant loop gain
versus signal gain provided by the CFBplus design. As shown
in the Typical Characteristics, while the 2nd-harmonic is
constant with gain, the 3rd-harmonic degrades at higher
gains.
Relative to alternative amplifiers with < 1mA supply current,
the OPA683 holds much lower distortion at higher frequen-
cies (> 5MHz) and to higher gains. Generally, until the
fundamental signal reaches very high frequency or power
levels, the 2nd-harmonic will dominate the distortion with a
lower 3rd-harmonic component. Focusing then on the 2nd-
harmonic, increasing the load impedance improves distortion
slightly for the OPA683. Remember that the total load in-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com