Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM63P Datasheet(PDF) 8 Page - Texas Instruments

Part # PCM63P
Description  Colinear 20-Bit Monolithic Audio IGITAL-TO-ANALOG CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM63P Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM63P Datasheet HTML 3Page - Texas Instruments PCM63P Datasheet HTML 4Page - Texas Instruments PCM63P Datasheet HTML 5Page - Texas Instruments PCM63P Datasheet HTML 6Page - Texas Instruments PCM63P Datasheet HTML 7Page - Texas Instruments PCM63P Datasheet HTML 8Page - Texas Instruments PCM63P Datasheet HTML 9Page - Texas Instruments PCM63P Datasheet HTML 10Page - Texas Instruments PCM63P Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
®
PCM63P
INSTALLATION
POWER SUPPLIES
Refer to Figure 4 for proper connection of the PCM63P in
the voltage-out mode using the internal feedback resistor.
The feedback resistor connections (P9 and P10) should be
left open if not used. The PCM63P only requires a
±5V
supply. Both positive supplies should be tied together at a
single point. Similarly, both negative supplies should be
connected together. No real advantage is gained by using
separate analog and digital supplies. It is more important that
both these supplies be as “clean” as possible to reduce
coupling of supply noise to the output. Power supply decou-
pling capacitors should be used at each supply pin to
maximize power supply rejection, as shown in Figure 4,
regardless of how good the supplies are. Both commons
should be connected to an analog ground plane as close to
the PCM63P as possible.
FILTER CAPACITOR REQUIREMENTS
As shown in Figure 4, various size decoupling capacitors
can be used, with no special tolerances being required. The
size of the offset decoupling capacitor is not critical either,
with larger values (up to 100
µF) giving slightly better SNR
readings. All capacitors should be as close to the appropriate
pins of the PCM63P as possible to reduce noise pickup from
surrounding circuitry.
MSB ADJUSTMENT CIRCUITRY
Near optimum performance can be maintained at all signal
levels without using the optional MSB adjust circuitry of the
PCM63P shown in Figure 5. Adjustability is provided for
those cases where slightly better full-scale THD+N is
desired. Use of the MSB adjustments will only affect larger
dynamic signals (between 0dB and –6dB). This improve-
ment comes from bettering the gain match between the
upper and lower DACs at these signal levels. The change is
realized by small adjustments in the bit-2 weights of each
DAC. Great care should be taken, however, as improper
adjustment will easily result in degraded performance.
In theory, the adjustments would seem very simple to
perform, but in practice they are actually quite complex. The
first step in the theoretical procedure would involve making
each bit-2 weight ideal in relation to its code minus one
value (adjusting each potentiometer for zero differential
nonlinearity error at the bit-2 major carries). This would be
the starting point of each 100k
Ω potentiometer for the next
adjustment. Then, each potentiometer would be adjusted
equally, in opposite directions, to achieve the lowest full-
scale THD+N possible (reversing the direction of rotation
FIGURE 5. Optional Bit-2 Adjustment Circuitry.
0.1µF
330k
Ω
330k
Ω
0.1µF
100k
Ω
100k
Ω
28
25
24
23
–V
V
LB2 Adj
UB2 Adj
A
POT
FIGURE 4. Connection Diagram.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
CAP
+V
CAP
CAP
BPO
I
ACOM
NC
RF
RF
–V
DCOM
+V
NC
–V
NC
NC
V
LB2 Adj
UB2 Adj
NC
DATA
LE
NC
CLK
NC
NC
NC
PCM63P
A
1µF
0.1µF
4.7µF
+
1µF
1µF
1/2
OPA2604
OUT
1
2
D
D
A
POT
1µF
0.1µF
0.1µF
–5V
+5V
0.1µF
±3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com