Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18C601 Datasheet(PDF) 73 Page - Microchip Technology

Part # PIC18C601
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C601 Datasheet(HTML) 73 Page - Microchip Technology

Back Button PIC18C601 Datasheet HTML 69Page - Microchip Technology PIC18C601 Datasheet HTML 70Page - Microchip Technology PIC18C601 Datasheet HTML 71Page - Microchip Technology PIC18C601 Datasheet HTML 72Page - Microchip Technology PIC18C601 Datasheet HTML 73Page - Microchip Technology PIC18C601 Datasheet HTML 74Page - Microchip Technology PIC18C601 Datasheet HTML 75Page - Microchip Technology PIC18C601 Datasheet HTML 76Page - Microchip Technology PIC18C601 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 73
PIC18C601/801
6.0
TABLE READS/TABLE WRITES
PIC18C601/801 devices use two memory spaces: the
external program memory space and the data memory
space. Table Reads and Table Writes have been pro-
vided to move data between these two memory spaces
through an 8-bit register (TABLAT).
The operations that allow the processor to move data
between the data and external program memory
spaces are:
• Table Read (TBLRD)
• Table Write (TBLWT)
Table Read operations retrieve data from external pro-
gram memory and place it into the data memory space.
Figure 6-1 shows the operation of a Table Read with
program and data memory.
Table Write operations store data from the data mem-
ory space into external program memory. Figure 6-2
shows the operation of a Table Write with external pro-
gram and data memory.
Table operations work with byte entities. A table block
containing data is not required to be word aligned, so a
table block can start and end at any byte address. If a
Table Write is being used to write an executable pro-
gram to program memory, program instructions must
be word aligned.
FIGURE 6-1:
TABLE READ OPERATION
FIGURE 6-2:
TABLE WRITE OPERATION
Table Pointer(1)
Table Latch (8-bit)
External Program Memory
TBLPTRH
TBLPTRL
TABLAT
TBLPTRU
Instruction: TBLRD*
Note 1: Table Pointer points to a byte in external program memory.
Program Memory
(TBLPTR)
Table Pointer(1)
Table Latch (8-bit)
External Program Memory
TBLPTRH
TBLPTRL
TABLAT
External
(TBLPTR)
TBLPTRU
Instruction: TBLWT*
Note 1: Table Pointer points to a byte in external program memory.
Program Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com