Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM2912 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2912
Description  AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2912 Datasheet(HTML) 31 Page - Texas Instruments

Back Button PCM2912 Datasheet HTML 24Page - Texas Instruments PCM2912 Datasheet HTML 25Page - Texas Instruments PCM2912 Datasheet HTML 26Page - Texas Instruments PCM2912 Datasheet HTML 27Page - Texas Instruments PCM2912 Datasheet HTML 28Page - Texas Instruments PCM2912 Datasheet HTML 29Page - Texas Instruments PCM2912 Datasheet HTML 30Page - Texas Instruments PCM2912 Datasheet HTML 31Page - Texas Instruments PCM2912 Datasheet HTML 32Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
MECHANICAL DATA
MPQF112 – NOVEMBER 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PJT (S-PQFP–N32)
PLASTIC QUAD FLATPACK
4203540/A 11/01
1
0,45
0,30
32
7,00 SQ
0,95
1,05
Seating Plane
0,45
0,75
0,25
Gage Plane
0,80
0,20
SQ
9,00
1,00
1,20
0,10
0,05
0,15
0,20
0,09
M
0
°– 7°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Falls within JEDEC MS-026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com