Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ06GS201TI/MM Datasheet(PDF) 259 Page - Microchip Technology

Part # DSPIC33FJ06GS201TI/MM
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TI/MM Datasheet(HTML) 259 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TI/MM Datasheet HTML 255Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 256Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 257Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 258Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 259Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 260Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 261Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 262Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 263Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 257
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
REGISTER 19-8:
ADCPC3: A/D CONVERT PAIR CONTROL REGISTER 3(1)
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
IRQEN6
PEND6
SWTRG6
TRGSRC6<4:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-8
Unimplemented:
Read as ‘0’
bit 7
IRQEN6:
Interrupt Request Enable 6 bit
1
= Enable IRQ generation when requested conversion of channels AN13 and AN12 is completed
0
= IRQ is not generated
bit 6
PEND6:
Pending Conversion Status 6 bit
1
= Conversion of channels AN13 and AN 12 is pending; set when selected trigger is asserted
0
= Conversion is complete
bit 5
SWTRG6:
Software Trigger 6 bit
1
= Start conversion of AN13 (INTREF) and AN12 (EXTREF) (if selected by TRGSRC bits)(2)
This bit is automatically cleared by hardware when the PEND6 bit is set.
0
= Conversion is not started
Note 1:
This register is only implemented on the dsPIC33FJ16GS502 and dsPIC33FJ16GS504 devices.
2:
If other conversions are in progress, conversion will be performed when the conversion resources are
available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com