Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ06GS201TI/MM Datasheet(PDF) 261 Page - Microchip Technology

Part # DSPIC33FJ06GS201TI/MM
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TI/MM Datasheet(HTML) 261 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TI/MM Datasheet HTML 257Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 258Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 259Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 260Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 261Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 262Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 263Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 264Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 265Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 259
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
20.0
HIGH-SPEED ANALOG
COMPARATOR
The dsPIC33F SMPS Comparator module monitors
current and/or voltage transients that may be too fast
for the CPU and ADC to capture.
20.1
Features Overview
The SMPS comparator module offers the following
major features:
• 16 selectable comparator inputs
• Up to four analog comparators
• 10-bit DAC for each analog comparator
• Programmable output polarity
• Interrupt generation capability
• DACOUT pin to provide DAC output
• DAC has three ranges of operation:
-AVDD/2
- Internal Reference 1.2V, 1%
- External Reference < (AVDD – 1.6V)
• ADC sample and convert trigger capability
• Disable capability reduces power consumption
• Functional support for PWM module:
- PWM duty cycle control
- PWM period control
- PWM Fault detect
20.2
Module Description
Figure 20-1 shows a functional block diagram of one
analog comparator from the SMPS comparator
module. The analog comparator provides high-speed
operation with a typical delay of 20 ns. The comparator
has a typical offset voltage of ±5 mV. The negative
input of the comparator is always connected to the
DAC circuit. The positive input of the comparator is
connected to an analog multiplexer that selects the
desired source pin.
The analog comparator input pins are typically shared
with pins used by the Analog-to-Digital Converter
(ADC) module. Both the comparator and the ADC can
use the same pins at the same time. This capability
enables a user to measure an input voltage with the
ADC
and
detect
voltage
transients
with
the
comparator.
FIGURE 20-1:
COMPARATOR MODULE BLOCK DIAGRAM
Note:
This data sheet summarizes the features
of
the
dsPIC33FJ06GS101/X02
and
dsPIC33FJ16GSX02/X04
families
of
devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to the “dsPIC33F Family
Reference
Manual”
,
Section
45.
“High-Speed
Analog
Comparator”
(DS70296), which is available on the
Microchip web site (www.microchip.com).
CMPxA(1)
CMPxC(1)
DAC
CMPPOL
0
1
AVDD/2
INTREF
M
U
X
M
U
X
CMREF
CMPx*
INSEL<1:0>
10
ACMPx (Trigger to PWM)(1)
Interrupt Request
CMPxB(1)
CMPxD(1)
Glitch Filter
Pulse
EXTREF
Status
AVSS
Generator
RANGE
DACOUT
DACOE
Note 1:
x = 1, 2, 3, and 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com