Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ06GS201TI/MM Datasheet(PDF) 287 Page - Microchip Technology

Part # DSPIC33FJ06GS201TI/MM
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TI/MM Datasheet(HTML) 287 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TI/MM Datasheet HTML 283Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 284Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 285Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 286Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 287Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 288Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 289Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 290Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 291Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 285
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
TABLE 24-4:
DC TEMPERATURE AND VOLTAGE SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ(1)
Max
Units
Conditions
Operating Voltage
DC10
Supply Voltage
VDD
3.0
—
3.6
V
Industrial and extended
DC12
VDR
RAM Data Retention Voltage(2)
1.8
—
—
V
DC16
VPOR
VDD Start Voltage(4)
to Ensure Internal
Power-on Reset Signal
——
VSS
V
DC17
SVDD
VDD Rise Rate(3)
to Ensure Internal
Power-on Reset Signal
0.03
—
—
V/ms 0-3.0V in 0.1s
DC18
VCORE
VDD Core
Internal Regulator Voltage
2.25
—
2.75
V
Voltage is dependent on
load, temperature and
VDD
Note 1:
Data in “Typ” column is at 3.3V, +25°C unless otherwise stated.
2:
This is the limit to which VDD may be lowered without losing RAM data.
3:
These parameters are characterized but not tested in manufacturing.
4:
VDD voltage must remain at VSS for a minimum of 200 μs to ensure POR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com