Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ06GS201TI/MM Datasheet(PDF) 291 Page - Microchip Technology

Part # DSPIC33FJ06GS201TI/MM
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TI/MM Datasheet(HTML) 291 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TI/MM Datasheet HTML 287Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 288Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 289Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 290Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 291Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 292Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 293Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 294Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 295Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 289
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
TABLE 24-9:
DC CHARACTERISTICS: I/O PIN INPUT SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for
Extended
Param
No.
Symbol
Characteristic
Min
Typ(1)
Max
Units
Conditions
VIL
Input Low Voltage
DI10
I/O Pins
VSS
—0.2 VDD
V
DI15
MCLR
VSS
—0.2 VDD
V
DI16
I/O Pins with OSC1
VSS
—0.2 VDD
V
DI18
I/O Pins with SDAx, SCLx
VSS
—0.3 VDD
V
SMbus disabled
DI19
I/O Pins with SDAx, SCLx
VSS
—0.2 VDD
V
SMbus enabled
VIH
Input High Voltage
DI20
DI21
I/O Pins Not 5V Tolerant(4)
I/O Pins 5V Tolerant(4)
0.7 VDD
0.7 VDD
—
—
VDD
5.5
V
V
ICNPU
CNx Pull-up Current
DI30
—
250
—
μAVDD = 3.3V, VPIN = VSS
IIL
Input Leakage Current(2,3,4)
DI50
I/O Pins with:
4 mA Source/Sink Capability
8 mA Source/Sink Capability
16 mA Source/Sink Capability
—
—
—
±2
±4
±8
—
—
—
μA
μA
μA
VSS
≤ VPIN ≤ VDD,
Pin at high-impedance
VSS
≤ VPIN ≤ VDD,
Pin at high-impedance
VSS
≤ VPIN ≤ VDD,
Pin at high-impedance
DI55
MCLR
——
±2
μAVSS ≤ VPIN ≤ VDD
DI56
OSC1
—
—
±2
μAVSS ≤ VPIN ≤ VDD,
XT and HS modes
ISINK
Sink Current
Pins:
RA3, RA4, RB3, RB4, RB11-RB14
Pins:
RC3-RC8, RC11-RC13
Pins:
RA0-RA2, RB0, RB1, RB5-RB10,
RB15, RC1, RC2, RC9, RC10
—
—
—
16
8
4
—
—
—
mA
mA
mA
Note 1:
Data in “Typ” column is at 3.3V, +25°C unless otherwise stated.
2:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltages.
3:
Negative current is defined as current sourced by the pin.
4:
See “Pin Diagrams” for the list of 5V tolerant I/O pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com