Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ06GS201TI/MM Datasheet(PDF) 292 Page - Microchip Technology

Part # DSPIC33FJ06GS201TI/MM
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TI/MM Datasheet(HTML) 292 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TI/MM Datasheet HTML 288Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 289Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 290Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 291Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 292Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 293Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 294Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 295Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 296Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 346 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318D-page 290
Preliminary
© 2009 Microchip Technology Inc.
TABLE 24-10: DC CHARACTERISTICS: I/O PIN OUTPUT SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
DO10
VOL
Output Low Voltage
I/O Ports:
4 mA Source/Sink Capability
8 mA Source/Sink Capability
16 mA Source/Sink Capability
—
—
—
0.4
0.4
0.4
—
—
—
V
V
V
IOL = 4 mA, VDD = 3.3V
IOL = 8 mA, VDD = 3.3V
IOL = 16 mA, VDD = 3.3V
DO16
OSC2/CLKO
—
0.4
—
V
IOL = 2 mA, VDD = 3.3V
DO20
VOH
Output High Voltage
I/O Ports:
4 mA Source/Sink Capability
8 mA Source/Sink Capability
16 mA Source/Sink Capability
—
—
—
2.40
2.40
2.40
—
—
—
V
V
V
IOH = -4 mA, VDD = 3.3V
IOH = -8 mA, VDD = 3.3V
IOH = -16 mA, VDD = 3.3V
DO26
OSC2/CLKO
—
2.41
—
V
IOH = -1.3 mA, VDD = 3.3V
ISOURCE Source Current
Pins:
RA3, RA4, RB3, RB4, RB11-RB14
Pins:
RC3-RC8, RC11-RC13
Pins:
RA0-RA2, RB0, RB1, RB5-
RB10, RB15, RC1, RC2, RC9,
RC10
—
—
—
16
8
4
—
—
—
mA
mA
mA
TABLE 24-11: ELECTRICAL CHARACTERISTICS: BOR
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Param
No.
Symbol
Characteristic
Min(1)
Typ
Max
Units
Conditions
BO10
VBOR
BOR Event on VDD Transition
High-to-Low
BOR Event is Tied to VDD Core
Voltage Decrease
2.55
—
2.79
V
Note 1:
Parameters are for design guidance only and are not tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com