Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC22A-I/P Datasheet(PDF) 13 Page - Microchip Technology

Part # 24LC22A-I/P
Description  2K VESA E-EDID Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC22A-I/P Datasheet(HTML) 13 Page - Microchip Technology

Back Button 24LC22A-I/P Datasheet HTML 9Page - Microchip Technology 24LC22A-I/P Datasheet HTML 10Page - Microchip Technology 24LC22A-I/P Datasheet HTML 11Page - Microchip Technology 24LC22A-I/P Datasheet HTML 12Page - Microchip Technology 24LC22A-I/P Datasheet HTML 13Page - Microchip Technology 24LC22A-I/P Datasheet HTML 14Page - Microchip Technology 24LC22A-I/P Datasheet HTML 15Page - Microchip Technology 24LC22A-I/P Datasheet HTML 16Page - Microchip Technology 24LC22A-I/P Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
© 2007 Microchip Technology Inc.
DS21683B-page 13
24LC22A
FIGURE 7-3:
SEQUENTIAL READ
8.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 8-1.
TABLE 8-1:
PIN FUNCTION TABLE
8.1
Serial Address/Data Input/Output
(SDA)
This pin is used to transfer addresses and data into and
out of the device, when the device is in the Bidirectional
mode. In the Transmit-Only mode, which only allows
data to be read from the device, data is also transferred
on the SDA pin. This pin is an open drain terminal,
therefore the SDA bus requires a pull-up resistor to
VCC (typical 10 k
Ω for 100 kHz, 2 kΩ for 400 kHz).
For normal data transfer in the Bidirectional mode, SDA
is allowed to change only during SCL low. Changes
during SCL high are reserved for indicating the Start
and Stop conditions.
8.2
Serial Clock (SCL)
This pin is the clock input for the Bidirectional mode,
and is used to synchronize data transfer to and from the
device. It is also used as the signaling input to switch
the device from the Transmit-Only mode to the Bidirec-
tional mode. It must remain high for the chip to continue
operation in the Transmit-Only mode.
8.3
Serial Clock (VCLK)
This pin is the clock input for the Transmit-Only mode
(DDC1). In the Transmit-Only mode, each bit is clocked
out on the rising edge of this signal. In the Bidirectional
mode, a high logic level is required on this pin to enable
write capability.
A
C
K
P
Bus Activity
Master
SDA Line
Bus Activity
Control
Byte
Data n
Data n + 1
Data n + 2
Data n + x
A
C
K
A
C
K
A
C
K
N
O
A
C
K
S
T
O
P
Name
Function
VSS
Ground
SDA
Serial Address/Data I/O
SCL
Serial Clock (Bidirectional mode)
VCLK
Serial Clock (Transmit-Only mode)
VCC
+2.5V to 5.5V Power Supply
NC
No Internal Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com