Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC22AT-I/SN Datasheet(PDF) 2 Page - Microchip Technology

Part # 24LC22AT-I/SN
Description  2K VESA E-EDID Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC22AT-I/SN Datasheet(HTML) 2 Page - Microchip Technology

  24LC22AT-I/SN Datasheet HTML 1Page - Microchip Technology 24LC22AT-I/SN Datasheet HTML 2Page - Microchip Technology 24LC22AT-I/SN Datasheet HTML 3Page - Microchip Technology 24LC22AT-I/SN Datasheet HTML 4Page - Microchip Technology 24LC22AT-I/SN Datasheet HTML 5Page - Microchip Technology 24LC22AT-I/SN Datasheet HTML 6Page - Microchip Technology 24LC22AT-I/SN Datasheet HTML 7Page - Microchip Technology 24LC22AT-I/SN Datasheet HTML 8Page - Microchip Technology 24LC22AT-I/SN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
24LC22A
DS21683B-page 2
© 2007 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
VCC.............................................................................................................................................................................7.0V
All inputs and outputs w.r.t. VSS ......................................................................................................... -0.6V to VCC +1.0V
Storage temperature ...............................................................................................................................-65
°C to +150°C
Ambient temp. with power applied ..........................................................................................................-40
°C to +125°C
Soldering temperature of leads (10 seconds) .......................................................................................................+240
°C
ESD protection on all pins
......................................................................................................................................................≥ 4kV
1.1
DC Characteristics
†Notice: Stresses above those listed under “Maximum ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at those or any other conditions above those indicated in
the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended
periods may affect device reliability.
DS CHARACTERISTICS
Vcc = +2.5V to 5.5V
Industrial (I):
TAMB = -40°C to +85°C
Param.
No.
Sym
Characteristic
Min.
Max.
Units
Test Conditions
SCL and SDA pins:
D1
VIH
High-level input voltage
0.7 VCC
—V
D2
VIL
Low-level input voltage
—
0.3 VCC
V
Input levels on VCLK pin:
D3
VIH
High-level input voltage
2.0
—
V
VCC
≥ 2.7V (Note)
D4
VIL
Low-level input voltage
—
0.2 VCC
VVCC
≤ 2.7V (Note)
D5
VHYS
Hysteresis of Schmitt trigger
Inputs
.05 VCC
—V
(Note)
D6
VOL1
Low-level output voltage
—
0.4
V
IOL = 3 mA, VCC = 2.5V (Note)
D7
VOL2
Low-level output voltage
—
0.6
V
IOL = 6 mA, VCC = 2.5V
D8
ILI
Input leakage current
-10
10
µA
VIN = VSS or VCC
D9
ILO
Output leakage current
-10
10
µA
VOUT = VSS or VCC
D10
CIN, COUT Pin capacitance
(all inputs/outputs)
—10
pF
VCC = 5.0V (Note)
TAMB = 25°C, FCLK = 1 MHz
Operating current:
D10
ICC WRITE Operating current
—
3
mA
VCC = 5.5V,
D11
ICC READ Operating current
—
1
mA
VCC = 5.5V, SCL = 400 kHz
D12
ICCS
Standby current
—
—
30
100
µA
µA
VCC = 3.0V, SDA = SCL = VCC
VCC = 5.5V, SDA = SCL = VCC
VCLK = VSS
Note:
This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com