Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5704PAPRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5704PAPRG4
Description  20-W Stereo Digital Audio Power Amplifier With Feedback
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5704PAPRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TAS5704PAPRG4 Datasheet HTML 1Page - Texas Instruments TAS5704PAPRG4 Datasheet HTML 2Page - Texas Instruments TAS5704PAPRG4 Datasheet HTML 3Page - Texas Instruments TAS5704PAPRG4 Datasheet HTML 4Page - Texas Instruments TAS5704PAPRG4 Datasheet HTML 5Page - Texas Instruments TAS5704PAPRG4 Datasheet HTML 6Page - Texas Instruments TAS5704PAPRG4 Datasheet HTML 7Page - Texas Instruments TAS5704PAPRG4 Datasheet HTML 8Page - Texas Instruments TAS5704PAPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
TAS5704
www.ti.com
SLOS563A – MARCH 2008 – REVISED AUGUST 2010
20-W Stereo Digital Audio Power Amplifier With Feedback
Check for Samples: TAS5704
1
FEATURES
2
•
Audio Input/Output
•
Thermal and Short-Circuit Protection
–
20-W into an 8-
Ω Load From an 18-V Supply
spacer
DESCRIPTION
–
Two Serial Audio Inputs (Four Audio
Channels)
The TAS5704 is a 20-W, efficient, digital audio power
amplifier for driving stereo bridge-tied speakers. Two
–
Supports Multiple Output Configurations:
serial data inputs allow processing of up to four
–
2-Ch Bridged Outputs (20 W × 2)
discrete audio channels and seamless integration to
–
4-Ch Single-Ended Outputs (10 W × 4)
most digital audio processors accepting a wide range
–
2-Ch Single-Ended + 1-Ch Bridged (2.1)
of
input
data
and
clock
rates.
A
hardware
configurable data path allows these channels to be
(10 W × 2 + 20 W)
routed to the internal speaker drivers or output via the
•
Closed Loop Power Stage Architecture
subwoofer PWM outputs.
–
Improved PSRR Reduces Power Supply
The TAS5704 is a slave-only device receiving all
Performance Requirements
clocks from external sources. The TAS5704 operates
–
Higher Damping Factor Provides for
at a 384-kHz switching rate for 32-, 48-, 96-, and
Tighter, More Accurate Sound With
192-kHz data, and at a 352.8 kHz switching rate for
Improved Bass Response
44.1-,
88.2-,
and
176.4-kHz
data.
The
8×
oversampling combined with the fourth-order noise
–
Lower EMC Emissions
shaper provides a flat noise floor and excellent
–
Output Power is Independent of Supply
dynamic range from 20 Hz to 20 kHz.
Voltage Variation
The
closed-loop
architecture
of
the
TAS5704
•
Wide PVCC Range From (10 V to 26 V)
provides several benefits. The high power supply
•
Supports 32-kHz–192-kHz (DVD-Audio) Sample
rejection enables superior audio performance from a
Rates (LJ/RJ/I2S)
noisy, low cost supply. The high damping factor
•
Line-Level Subwoofer PWM Outputs
allows
tighter
control
over
speaker
movement
resulting in an improved bass response. Finally,
•
Audio/PWM Processing (Hardware Controlled)
switching edge rate control lowers EMC emissions
–
4-Step Gain Control (-3dB, 3dB, 9dB, 12dB)
without sacrificing audio performance.
–
Soft Mute Control (50% Output Duty Cycle)
•
Factory-Trimmed Internal Oscillator Enables
Automatic Detection of Incoming Sample
Rates
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
System Two, Audio Precision are trademarks of Audio Precision, Inc.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS5704PAPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5704 TI-TAS5704 Datasheet
741Kb / 34P
20-W Stereo Digital Audio Power Amplifier With Feedback
More results

Similar Description - TAS5704PAPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5704 TI-TAS5704 Datasheet
741Kb / 34P
20-W Stereo Digital Audio Power Amplifier With Feedback
TAS5701 TI-TAS5701 Datasheet
628Kb / 26P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
TAS5710 TI-TAS5710 Datasheet
628Kb / 26P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
TAS5708 TI-TAS5708 Datasheet
1Mb / 56P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ/DRC and FEEDBACK
TAS5701 TI-TAS5701_15 Datasheet
961Kb / 28P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
TAS5706A TI1-TAS5706A_16 Datasheet
1Mb / 71P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5710 TI1-TAS5710_15 Datasheet
1Mb / 58P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ/DRC and FEEDBACK
TAS5716 TI1-TAS5716_16 Datasheet
1Mb / 64P
20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
logo
Eutech Microelectronics...
EUA2306 EUTECH-EUA2306 Datasheet
93Kb / 1P
20-W Stereo Digital Audio Power Amplifier
logo
Texas Instruments
TAS5701 TI1-TAS5701_17 Datasheet
1Mb / 28P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com